Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 328 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 328 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 324Page - Renesas Technology Corp H838024 Datasheet HTML 325Page - Renesas Technology Corp H838024 Datasheet HTML 326Page - Renesas Technology Corp H838024 Datasheet HTML 327Page - Renesas Technology Corp H838024 Datasheet HTML 328Page - Renesas Technology Corp H838024 Datasheet HTML 329Page - Renesas Technology Corp H838024 Datasheet HTML 330Page - Renesas Technology Corp H838024 Datasheet HTML 331Page - Renesas Technology Corp H838024 Datasheet HTML 332Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 286 of 652
REJ09B0042-0700
Bit 5—Timer Overflow Interrupt Enable (OVIE)
Bit 5 selects enabling or disabling of interrupt generation when TCG overflows.
Bit 5
OVIE
Description
0
TCG overflow interrupt request is disabled
(initial value)
1
TCG overflow interrupt request is enabled
Bit 4—Input Capture Interrupt Edge Select (IIEGS)
Bit 4 selects the input capture input signal edge that generates an interrupt request.
Bit 4
IIEGS
Description
0
Interrupt generated on rising edge of input capture input signal
(initial value)
1
Interrupt generated on falling edge of input capture input signal
Bits 3 and 2—Counter Clear 1 and 0 (CCLR1, CCLR0)
Bits 3 and 2 specify whether or not TCG is cleared by the rising edge, falling edge, or both edges
of the input capture input signal.
Bit 3
CCLR1
Bit 2
CCLR0
Description
0
0
TCG clearing is disabled
(initial value)
0
1
TCG cleared by falling edge of input capture input signal
1
0
TCG cleared by rising edge of input capture input signal
1
1
TCG cleared by both edges of input capture input signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com