| Electronic Components Datasheet Search |
|
H838024 Datasheet(PDF) 330 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H838024 Datasheet(HTML) 330 Page - Renesas Technology Corp |
|
330 / 697 page ![]() Section 9 Timers Rev. 7.00 Mar 10, 2005 page 288 of 652 REJ09B0042-0700 9.5.3 Noise Canceler The noise canceler consists of a digital low-pass filter that eliminates high-frequency component noise from the pulses input from the input capture input pin. The noise canceler is set by NCS* in PMR2. Figure 9.9 shows a block diagram of the noise canceler. C DQ Latch C DQ Latch C DQ Latch C DQ Latch C DQ Latch Match detector Noise canceler output Sampling clock Input capture input signal Sampling clock ∆t ∆t: Set by CKS1 and CKS0 Figure 9.9 Noise Canceler Block Diagram The noise canceler consists of five latch circuits connected in series and a match detector circuit. When the noise cancellation function is not used (NCS = 0), the system clock is selected as the sampling clock. When the noise cancellation function is used (NCS = 1), the sampling clock is the internal clock selected by CKS1 and CKS0 in TMG, the input capture input is sampled on the rising edge of this clock, and the data is judged to be correct when all the latch outputs match. If all the outputs do not match, the previous value is retained. After a reset, the noise canceler output is initialized when the falling edge of the input capture input signal has been sampled five times. Therefore, after making a setting for use of the noise cancellation function, a pulse with at least five times the width of the sampling clock is a dependable input capture signal. Even if noise cancellation is not used, an input capture input signal pulse width of at least 2 φ or 2φ SUB is necessary to ensure that input capture operations are performed properly Note: * An input capture signal may be generated when the NCS bit is modified. Figure 9.10 shows an example of noise canceler timing. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |