Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 327 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 323Page - Renesas Technology Corp H838024 Datasheet HTML 324Page - Renesas Technology Corp H838024 Datasheet HTML 325Page - Renesas Technology Corp H838024 Datasheet HTML 326Page - Renesas Technology Corp H838024 Datasheet HTML 327Page - Renesas Technology Corp H838024 Datasheet HTML 328Page - Renesas Technology Corp H838024 Datasheet HTML 329Page - Renesas Technology Corp H838024 Datasheet HTML 330Page - Renesas Technology Corp H838024 Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 285 of 652
REJ09B0042-0700
Timer Mode Register G (TMG)
OVFH
CCLR0
CKS1
CKS0
OVFL
OVIE
IIEGS
CCLR1
7
6
543210
0
0000000
R/(W)*
R/W
R/W
R/W
R/(W)*
R/W
R/W
R/W
Bit:
Initial value:
Read/Write:
Note: * Bits 7 and 6 can only be written with 0, for flag clearing.
TMG is an 8-bit read/write register that performs TCG clock selection from four internal clock
sources, counter clear selection, and edge selection for the input capture input signal interrupt
request, controls enabling of overflow interrupt requests, and also contains the overflow flags.
TMG is initialized to H'00 upon reset.
Bit 7—Timer Overflow Flag H (OVFH)
Bit 7 is a status flag indicating that TCG has overflowed from H'FF to H'00 when the input capture
input signal is high. This flag is set by hardware and cleared by software. It cannot be set by
software.
Bit 7
OVFH
Description
0
Clearing condition:
After reading OVFH = 1, cleared by writing 0 to OVFH
(initial value)
1
Setting condition:
Set when input capture input signal is high level and TCG overflows from H'FF to H'00
Bit 6—Timer Overflow Flag L (OVFL)
Bit 6 is a status flag indicating that TCG has overflowed from H'FF to H'00 when the input capture
input signal is low, or in interval operation. This flag is set by hardware and cleared by software.
It cannot be set by software.
Bit 6
OVFL
Description
0
Clearing condition:
After reading OVFL = 1, cleared by writing 0 to OVFL
(initial value)
1
Setting condition:
Set when TCG overflows from H'FF to H'00 while input capture input signal is high
level or during interval operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com