Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 323 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 323 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 319Page - Renesas Technology Corp H838024 Datasheet HTML 320Page - Renesas Technology Corp H838024 Datasheet HTML 321Page - Renesas Technology Corp H838024 Datasheet HTML 322Page - Renesas Technology Corp H838024 Datasheet HTML 323Page - Renesas Technology Corp H838024 Datasheet HTML 324Page - Renesas Technology Corp H838024 Datasheet HTML 325Page - Renesas Technology Corp H838024 Datasheet HTML 326Page - Renesas Technology Corp H838024 Datasheet HTML 327Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 281 of 652
REJ09B0042-0700
9.5
Timer G
9.5.1
Overview
Timer G is an 8-bit timer with dedicated input capture functions for the rising/falling edges of
pulses input from the input capture input pin (input capture input signal). High-frequency
component noise in the input capture input signal can be eliminated by a noise canceler, enabling
accurate measurement of the input capture input signal duty cycle. If input capture input is not set,
timer G functions as an 8-bit interval timer.
Features
Features of timer G are given below.
• Choice of four internal clock sources (φ/64, φ/32, φ/2, φw/4)
• Dedicated input capture functions for rising and falling edges
• Level detection at counter overflow
It is possible to detect whether overflow occurred when the input capture input signal was high
or when it was low.
• Selection of whether or not the counter value is to be cleared at the input capture input signal
rising edge, falling edge, or both edges
• Two interrupt sources: one input capture, one overflow. The input capture input signal rising
or falling edge can be selected as the interrupt source.
• A built-in noise canceler eliminates high-frequency component noise in the input capture input
signal.
• Watch mode, subactive mode, or subsleep mode operation is possible when φw/4 is selected as
the internal clock.
• Use of module standby mode enables this module to be placed in standby mode independently
when not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com