| Electronic Components Datasheet Search |
|
H838024 Datasheet(PDF) 325 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H838024 Datasheet(HTML) 325 Page - Renesas Technology Corp |
|
325 / 697 page ![]() Section 9 Timers Rev. 7.00 Mar 10, 2005 page 283 of 652 REJ09B0042-0700 Register Configuration Table 9.11 shows the register configuration of timer G. Table 9.11 Timer G Registers Name Abbr. R/W Initial Value Address Timer control register G TMG R/W H'00 H'FFBC Timer counter G TCG — H'00 — Input capture register GF ICRGF R H'00 H'FFBD Input capture register GR ICRGR R H'00 H'FFBE Clock stop register 1 CKSTPR1 R/W H'FF H'FFFA 9.5.2 Register Descriptions Timer Counter G (TCG) TCG7 TCG2 TCG1 TCG0 TCG6 TCG5 TCG4 TCG3 7 6 543210 0 0000000 Bit: Initial value: Read/Write: TCG is an 8-bit up-counter which is incremented by clock input. The input clock is selected by bits CKS1 and CKS0 in TMG. TMIG in PMR1 is set to 1 to operate TCG as an input capture timer, or cleared to 0 to operate TCG as an interval timer*. In input capture timer operation, the TCG value can be cleared by the rising edge, falling edge, or both edges of the input capture input signal, according to the setting made in TMG. When TCG overflows from H'FF to H'00, if OVIE in TMG is 1, IRRTG in IRR2 is set to 1, and if IENTG in IENR2 is 1, an interrupt request is sent to the CPU. For details of the interrupt, see section 3.3, Interrupts. TCG cannot be read or written by the CPU. It is initialized to H'00 upon reset. Note: * An input capture signal may be generated when TMIG is modified. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |