| Electronic Components Datasheet Search |
|
H838024 Datasheet(PDF) 326 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H838024 Datasheet(HTML) 326 Page - Renesas Technology Corp |
|
326 / 697 page ![]() Section 9 Timers Rev. 7.00 Mar 10, 2005 page 284 of 652 REJ09B0042-0700 Input Capture Register GF (ICRGF) ICRGF7 ICRGF2 ICRGF1 ICRGF0 ICRGF6 ICRGF5 ICRGF4 ICRGF3 7 6 543210 0 0000000 R RRR RRR R Bit: Initial value: Read/Write: ICRGF is an 8-bit read-only register. When a falling edge of the input capture input signal is detected, the current TCG value is transferred to ICRGF. If IIEGS in TMG is 1 at this time, IRRTG in IRR2 is set to 1, and if IENTG in IENR2 is 1, an interrupt request is sent to the CPU. For details of the interrupt, see section 3.3, Interrupts. To ensure dependable input capture operation, the pulse width of the input capture input signal must be at least 2 φ or 2φ SUB (when the noise canceler is not used). ICRGF is initialized to H'00 upon reset. Input Capture Register GR (ICRGR) ICRGR7 ICRGR2 ICRGR1 ICRGR0 ICRGR6 ICRGR5 ICRGR4 ICRGR3 7 6 543210 0 0000000 R RRR RRR R Bit: Initial value: Read/Write: ICRGR is an 8-bit read-only register. When a rising edge of the input capture input signal is detected, the current TCG value is transferred to ICRGR. If IIEGS in TMG is 0 at this time, IRRTG in IRR2 is set to 1, and if IENTG in IENR2 is 1, an interrupt request is sent to the CPU. For details of the interrupt, see section 3.3, Interrupts. To ensure dependable input capture operation, the pulse width of the input capture input signal must be at least 2 φ or 2φ SUB (when the noise canceler is not used). ICRGR is initialized to H'00 upon reset. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |