Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 332 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 328Page - Renesas Technology Corp H838024 Datasheet HTML 329Page - Renesas Technology Corp H838024 Datasheet HTML 330Page - Renesas Technology Corp H838024 Datasheet HTML 331Page - Renesas Technology Corp H838024 Datasheet HTML 332Page - Renesas Technology Corp H838024 Datasheet HTML 333Page - Renesas Technology Corp H838024 Datasheet HTML 334Page - Renesas Technology Corp H838024 Datasheet HTML 335Page - Renesas Technology Corp H838024 Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 290 of 652
REJ09B0042-0700
9.5.4
Operation
Timer G is an 8-bit timer with built-in input capture and interval functions.
Timer G Functions
Timer G is an 8-bit up-counter with two functions, an input capture timer function and an interval
timer function.
The operation of these two functions is described below.
a. Input capture timer operation
When the TMIG bit in port mode register 1 (PMR1) is set to 1, timer G functions as an input
capture timer*.
In a reset, timer mode register G (TMG), timer counter G (TCG), input capture register GF
(ICRGF), and input capture register GR (ICRGR) are all initialized to H'00.
Following a reset, TCG starts counting on the
φ/64 internal clock.
The input clock can be selected from four internal clock sources by bits CKS1 and CKS0 in
TMG.
When a rising edge/falling edge is detected in the input capture signal input from the TMIG
pin, the TCG value at that time is transferred to ICRGR/ICRGF. When the edge selected by
IIEGS in TMG is input, IRRTG in IRR2 is set to 1, and if the IENTG bit in IENR2 is 1 at this
time, an interrupt request is sent to the CPU. For details of the interrupt, see section 3.3,
Interrupts.
TCG can be cleared by a rising edge, falling edge, or both edges of the input capture signal,
according to the setting of bits CCLR1 and CCLR0 in TMG. If TCG overflows when the
input capture signal is high, the OVFH bit in TMG is set; if TCG overflows when the input
capture signal is low, the OVFL bit in TMG is set. If the OVIE bit in TMG is 1 when these
bits are set, IRRTG in IRR2 is set to 1, and if the IENTG bit in IENR2 is 1, timer G sends an
interrupt request to the CPU. For details of the interrupt, see section 3.3, Interrupts.
Timer G has a built-in noise canceler that enables high-frequency component noise to be
eliminated from pulses input from the TMIG pin. For details, see section 9.5.3, Noise
Canceler.
Note: * An input capture signal may be generated when TMIG is modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com