Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 337 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 337 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 333Page - Renesas Technology Corp H838024 Datasheet HTML 334Page - Renesas Technology Corp H838024 Datasheet HTML 335Page - Renesas Technology Corp H838024 Datasheet HTML 336Page - Renesas Technology Corp H838024 Datasheet HTML 337Page - Renesas Technology Corp H838024 Datasheet HTML 338Page - Renesas Technology Corp H838024 Datasheet HTML 339Page - Renesas Technology Corp H838024 Datasheet HTML 340Page - Renesas Technology Corp H838024 Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 295 of 652
REJ09B0042-0700
9.5.5
Application Notes
Internal Clock Switching and TCG Operation
Depending on the timing, TCG may be incremented by a switch between different internal clock
sources. Table 9.13 shows the relation between internal clock switchover timing (by write to bits
CKS1 and CKS0) and TCG operation.
When TCG is internally clocked, an increment pulse is generated on detection of the falling edge
of an internal clock signal, which is divided from the system clock (
φ) or subclock (φw). For this
reason, in a case like No. 3 in table 9.13 where the switch is from a high clock signal to a low
clock signal, the switchover is seen as a falling edge, causing TCG to increment.
Table 9.13
Internal Clock Switching and TCG Operation
No.
Clock Levels Before and After
Modifying Bits CKS1 and CKS0
TCG Operation
1
Goes from low level to low level
Clock before
switching
Clock after
switching
Count
clock
TCG
N
N+1
Write to CKS1 and CKS0
2
Goes from low level to high level
Clock before
switching
Clock after
switching
Count
clock
TCG
N
N+1
N+2
Write to CKS1 and CKS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com