Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 368 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 368 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 364Page - Renesas Technology Corp H838024 Datasheet HTML 365Page - Renesas Technology Corp H838024 Datasheet HTML 366Page - Renesas Technology Corp H838024 Datasheet HTML 367Page - Renesas Technology Corp H838024 Datasheet HTML 368Page - Renesas Technology Corp H838024 Datasheet HTML 369Page - Renesas Technology Corp H838024 Datasheet HTML 370Page - Renesas Technology Corp H838024 Datasheet HTML 371Page - Renesas Technology Corp H838024 Datasheet HTML 372Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 326 of 652
REJ09B0042-0700
Figure 9.22 and table 9.20 show examples of event counter PWM operation.
toff = T
× (Ndr +1)
ton
tcm = T
× (Ncm +1)
Ton : Clock input enabled time
Toff : Clock input disabled time
Tcm : One conversion period
T :
ECPWM input clock cycle
Ndr :
Value of ECPWDRH and ECPWDRL
Fixed low when Ndr = H'FFFF
Ncm : Value of ECPWCRH and ECPWCRL
Figure 9.22 Event Counter Operation Waveform
Note:
Ndr and Ncm above must be set so that Ndr < Ncm. If the settings do not satisfy this
condition, do not set ECPWME in AEGSR to 1.
Table 9.20
Examples of Event Counter PWM Operation
Conditions: fosc = 4 MHz, fφ = 2 MHz, high-speed active mode, ECPWCR value (Ncm) = H'7A11,
ECPWDR value (Ndr) = H'16E3
Clock Source
Selection
Clock Source
Cycle (T)*
ECPWCR
Value (Ncm)
ECPWDR
Value (Ndr)
toff = T •
(Ndr + 1)
tcm = T •
(Ncm + 1)
ton = tcm – toff
φ/2
1 µs
5.86 ms
31.25 ms
25.39 ms
φ/4
2 µs
H'7A11
D'31249
H'16E3
D'5859
11.72 ms
62.5 ms
50.78 ms
φ/8
4 µs
23.44 ms
125.0 ms
101.56 ms
φ/16
8 µs
46.88 ms
250.0 ms
203.12 ms
φ/32
16 µs
93.76 ms
500.0 ms
406.24 ms
φ/64
32 µs
187.52 ms
1000.0 ms
812.48 ms
Note: * toff minimum width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com