Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 370 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 370 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 366Page - Renesas Technology Corp H838024 Datasheet HTML 367Page - Renesas Technology Corp H838024 Datasheet HTML 368Page - Renesas Technology Corp H838024 Datasheet HTML 369Page - Renesas Technology Corp H838024 Datasheet HTML 370Page - Renesas Technology Corp H838024 Datasheet HTML 371Page - Renesas Technology Corp H838024 Datasheet HTML 372Page - Renesas Technology Corp H838024 Datasheet HTML 373Page - Renesas Technology Corp H838024 Datasheet HTML 374Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 328 of 652
REJ09B0042-0700
9.7.4
Asynchronous Event Counter Operation Modes
Asynchronous event counter operation modes are shown in table 9.21.
Table 9.21
Asynchronous Event Counter Operation Modes
Operation
Mode
Reset
Active
Sleep
Watch
Subactive
Subsleep
Standby
Module
Standby
AEGSR
Reset
Functions Functions
Retained*
1
Functions
Functions
Retained*
1
Retained
ECCR
Reset
Functions Functions
Retained*
1
Functions
Functions
Retained*
1
Retained
ECCSR
Reset
Functions Functions
Retained*
1
Functions
Functions
Retained*
1
Retained
ECH
Reset
Functions Functions
Functions*
1*2 Functions*2 Functions*2 Functions*1*2 Halted
ECL
Reset
Functions Functions
Functions*
1*2 Functions*2 Functions*2 Functions*1*2 Halted
IRQAEC
Reset
Functions Functions
Retained*
3
Functions
Functions
Retained*
3
Retained*
4
Event
counter
PWM
Reset
Functions Functions
Retained
Retained
Retained
Retained
Retained
Notes: 1. When an asynchronous external event is input, the counter increments but the counter
overflow H/L flags are not affected.
2. Operates when asynchronous external events are selected; halted and retained
otherwise.
3. Clock control by IRQAEC operates, but interrupts do not.
4. As the clock is stopped in module standby mode, IRQAEC has no effect.
9.7.5
Application Notes
1. When reading the values in ECH and ECL, the correct value will not be returned if the event
counter increments during the read operation. Therefore, if the counter is being used in the 8-
bit mode, clear bits CUEH and CUEL in ECCSR to 0 before reading ECH or ECL. If the
counter is being used in the 16-bit mode, clear CUEL only to 0 before reading ECH or ECL.
2. Use a clock with a frequency of up to 16 MHz for input to the AEVH and AEVL pins, and
ensure that the high and low widths of the clock are at least half the OSC clock cycle duration.
The duty cycle is immaterial.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com