Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 127Page - Renesas Technology Corp H838024 Datasheet HTML 128Page - Renesas Technology Corp H838024 Datasheet HTML 129Page - Renesas Technology Corp H838024 Datasheet HTML 130Page - Renesas Technology Corp H838024 Datasheet HTML 131Page - Renesas Technology Corp H838024 Datasheet HTML 132Page - Renesas Technology Corp H838024 Datasheet HTML 133Page - Renesas Technology Corp H838024 Datasheet HTML 134Page - Renesas Technology Corp H838024 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 697 page
background image
Section 3 Exception Handling
Rev. 7.00 Mar 10, 2005 page 89 of 652
REJ09B0042-0700
Wakeup Interrupt Request Register (IWPR)
Bit
Initial value
Read/Write
7
IWPF7
0
R/(W)*
6
IWPF6
0
R/(W)*
5
IWPF5
0
R/(W)*
4
IWPF4
0
R/(W)*
3
IWPF3
0
R/(W)*
0
IWPF0
0
R/(W)*
2
IWPF2
0
R/(W)*
1
IWPF1
0
R/(W)*
Note:
* Only a write of 0 for flag clearing is possible
IWPR is an 8-bit read/write register containing wakeup interrupt request flags. When one of pins
WKP
7 to
WKP
0 is designated for wakeup input and a rising or falling edge is input at that pin, the
corresponding flag in IWPR is set to 1. A flag is not cleared automatically when the
corresponding interrupt is accepted. Flags must be cleared by writing 0.
Bits 7 to 0—Wakeup Interrupt Request Flags (IWPF7 to IWPF0)
Bit n
IWPFn
Description
0
Clearing conditions:
(initial value)
When IWPFn= 1, it is cleared by writing 0
1
Setting conditions:
When pin
WKPn is designated for wakeup input and a rising or falling edge is input at
that pin
(n = 7 to 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com