Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 128Page - Renesas Technology Corp H838024 Datasheet HTML 129Page - Renesas Technology Corp H838024 Datasheet HTML 130Page - Renesas Technology Corp H838024 Datasheet HTML 131Page - Renesas Technology Corp H838024 Datasheet HTML 132Page - Renesas Technology Corp H838024 Datasheet HTML 133Page - Renesas Technology Corp H838024 Datasheet HTML 134Page - Renesas Technology Corp H838024 Datasheet HTML 135Page - Renesas Technology Corp H838024 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 697 page
background image
Section 3 Exception Handling
Rev. 7.00 Mar 10, 2005 page 90 of 652
REJ09B0042-0700
Wakeup Edge Select Register (WEGR)
Bit
Initial value
Read/Write
7
WKEGS7
0
R/W
6
WKEGS6
0
R/W
5
WKEGS5
0
R/W
4
WKEGS4
0
R/W
3
WKEGS3
0
R/W
0
WKEGS0
0
R/W
2
WKEGS2
0
R/W
1
WKEGS1
0
R/W
WEGR is an 8-bit read/write register that specifies rising or falling edge sensing for pins
WKPn.
WEGR is initialized to H'00 by a reset.
Bit n—
WKPn Edge Select (WKEGSn)
Bit n selects
WKPn pin input sensing.
Bit n
WKEGSn
Description
0
WKPn pin falling edge detected
(initial value)
1
WKPn pin rising edge detected
(n = 7 to 0)
3.3.3
External Interrupts
There are 13 external interrupts: WKP7 to WKP0, IRQ4, IRQ3, IRQ1, IRQ0, and IRQAEC.
Interrupts WKP7 to WKP0
Interrupts WKP7 to WKP0 are requested by either rising or falling edge input to pins
WKP
7 to
WKP
0. When these pins are designated as pins
WKP
7 to
WKP
0 in port mode register 5 and a
rising or falling edge is input, the corresponding bit in IWPR is set to 1, requesting an interrupt.
Recognition of wakeup interrupt requests can be disabled by clearing the IENWP bit to 0 in
IENR1. These interrupts can all be masked by setting the I bit to 1 in CCR.
When WKP7 to WKP0 interrupt exception handling is initiated, the I bit is set to 1 in CCR.
Vector number 9 is assigned to interrupts WKP7 to WKP0. All eight interrupt sources have the
same vector number, so the interrupt-handling routine must discriminate the interrupt source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com