Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 124Page - Renesas Technology Corp H838024 Datasheet HTML 125Page - Renesas Technology Corp H838024 Datasheet HTML 126Page - Renesas Technology Corp H838024 Datasheet HTML 127Page - Renesas Technology Corp H838024 Datasheet HTML 128Page - Renesas Technology Corp H838024 Datasheet HTML 129Page - Renesas Technology Corp H838024 Datasheet HTML 130Page - Renesas Technology Corp H838024 Datasheet HTML 131Page - Renesas Technology Corp H838024 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 697 page
background image
Section 3 Exception Handling
Rev. 7.00 Mar 10, 2005 page 86 of 652
REJ09B0042-0700
Bits 1 and 0—IRQ1 and IRQ0 Interrupt Request Flags (IRRI1 and IRRI0)
Bit n
IRRIn
Description
0
Clearing conditions:
(initial value)
When IRRIn = 1, it is cleared by writing 0
1
Setting conditions:
When pin
IRQn is designated for interrupt input and the designated signal edge is
input
(n = 1 or 0)
Interrupt Request Register 2 (IRR2)
Bit
Initial value
Read/Write
7
IRRDT
0
R/(W)*
6
IRRAD
0
R/(W)*
5
W
4
IRRTG
0
R/(W)*
3
IRRTFH
0
R/(W)*
0
IRREC
0
R/(W)*
2
IRRTFL
0
R/(W)*
1
IRRTC
0
R/(W)*
Note:
* Only a write of 0 for flag clearing is possible
IRR2 is an 8-bit read/write register, in which a corresponding flag is set to 1 when a direct
transfer, A/D converter, Timer G, Timer FH, Timer FL, Timer C, or asynchronous event counter
interrupt is requested. The flags are not cleared automatically when an interrupt is accepted. It is
necessary to write 0 to clear each flag.
Bit 7—Direct Transfer Interrupt Request Flag (IRRDT)
Bit 7
IRRDT
Description
0
Clearing conditions:
(initial value)
When IRRDT = 1, it is cleared by writing 0
1
Setting conditions:
When a direct transfer is made by executing a SLEEP instruction while DTON = 1 in
SYSCR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com