Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 139Page - Renesas Technology Corp H838024 Datasheet HTML 140Page - Renesas Technology Corp H838024 Datasheet HTML 141Page - Renesas Technology Corp H838024 Datasheet HTML 142Page - Renesas Technology Corp H838024 Datasheet HTML 143Page - Renesas Technology Corp H838024 Datasheet HTML 144Page - Renesas Technology Corp H838024 Datasheet HTML 145Page - Renesas Technology Corp H838024 Datasheet HTML 146Page - Renesas Technology Corp H838024 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 697 page
background image
Section 3 Exception Handling
Rev. 7.00 Mar 10, 2005 page 101 of 652
REJ09B0042-0700
executed immediately after the port mode register (or AEGSR) access without executing an
intervening instruction, the flag will not be cleared.
An alternative method is to avoid the setting of interrupt request flags when pin functions are
switched by keeping the pins at the high level so that the conditions in table 3.5 do not occur.
However, the procedure in Figure 3.7 is recommended because IECPWM is an internal signal and
determining its value is complicated.
CCR I bit
1
Set port mode register (or AEGSR) bit
Execute NOP instruction
Interrupts masked. (Another possibility
is to disable the relevant interrupt in
interrupt enable register 1.)
After setting the port mode register
(or AEGSR) bit, first execute at least
one instruction (e.g., NOP), then clear
the interrupt request flag to 0
Interrupt mask cleared
Clear interrupt request flag to 0
←
CCR I bit
0
←
Figure 3.7 Port Mode Register (or AEGSR) Setting and Interrupt Request Flag
Clearing Procedure
3.4.3
Method for Clearing Interrupt Request Flags
Use the recommended method, given below when clearing the flags of interrupt request registers
(IRR1, IRR2, IWPR).
• Recommended method
Use a single instruction to clear flags. The bit control instruction and byte-size data transfer
instruction can be used. Two examples of program code for clearing IRRI1 (bit 1 of IRR1) are
given below.
BCLR
#1,
@IRR1:8
MOV.B R1L, @IRR1:8 (set the value of R1L to B'11111101)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com