Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 196Page - Renesas Technology Corp H838024 Datasheet HTML 197Page - Renesas Technology Corp H838024 Datasheet HTML 198Page - Renesas Technology Corp H838024 Datasheet HTML 199Page - Renesas Technology Corp H838024 Datasheet HTML 200Page - Renesas Technology Corp H838024 Datasheet HTML 201Page - Renesas Technology Corp H838024 Datasheet HTML 202Page - Renesas Technology Corp H838024 Datasheet HTML 203Page - Renesas Technology Corp H838024 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 697 page
background image
Section 6 ROM
Rev. 7.00 Mar 10, 2005 page 158 of 652
REJ09B0042-0700
6.5.4
Register Configuration
Table 6.5 lists the register configuration to control the flash memory when the built in flash
memory is effective.
Table 6.5
Register Configuration
Register Name
Abbreviation
R/W
Initial Value
Address
Flash memory control register 1
FLMCR1
R/W
H'00
H'F020
Flash memory control register 2
FLMCR2
R
H'00
H'F021
Flash memory power control register
FLPWCR
R/W
H'00
H'F022
Erase block register
EBR
R/W
H'00
H'F023
Flash memory enable register
FENR
R/W
H'00
H'F02B
Note:
FLMCR1, FLMCR2, FLPWCR, EBR, and FENR are 8 bit registers. Only byte access is
enabled which are two-state access. These registers are dedicated to the product in which
flash memory is included. The product in which PROM or ROM is included does not have
these registers. When the corresponding address is read in these products, the value is
undefined. A write is disabled.
6.6
Descriptions of Registers of the Flash Memory
6.6.1
Flash Memory Control Register 1 (FLMCR1)
Bit
7
654
321
0
—
SWE
ESU
PSU
EV
PV
E
P
Initial value
0
0
0
0
0
0
0
0
Read/Write
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
FLMCR1 is a register that makes the flash memory change to program mode, program-verify
mode, erase mode, or erase-verify mode. For details on register setting, refer to section 6.8, Flash
Memory Programming/Erasing. By setting this register, the flash memory enters program mode,
erase mode, program-verify mode, or erase-verify mode. Read the data in the state that bits 6 to 0
of this register are cleared when using flash memory as normal built-in ROM.
Bit 7—Reserved
This bit is always read as 0 and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com