Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 199Page - Renesas Technology Corp H838024 Datasheet HTML 200Page - Renesas Technology Corp H838024 Datasheet HTML 201Page - Renesas Technology Corp H838024 Datasheet HTML 202Page - Renesas Technology Corp H838024 Datasheet HTML 203Page - Renesas Technology Corp H838024 Datasheet HTML 204Page - Renesas Technology Corp H838024 Datasheet HTML 205Page - Renesas Technology Corp H838024 Datasheet HTML 206Page - Renesas Technology Corp H838024 Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 697 page
background image
Section 6 ROM
Rev. 7.00 Mar 10, 2005 page 161 of 652
REJ09B0042-0700
6.6.2
Flash Memory Control Register 2 (FLMCR2)
Bit
7
654
321
0
FLER
———
———
—
Initial value
0
0
0
0
0
0
0
0
Read/Write
R
—
—
—
—
—
—
—
FLMCR2 is a register that displays the state of flash memory programming/erasing. FLMCR2 is a
read-only register, and should not be written to.
Bit 7—Flash Memory Error (FLER)
This bit is set when the flash memory detects an error and goes to the error-protection state during
programming or erasing to the flash memory. See section 6.9.3, Error Protection, for details.
Bit 7
FLER
Description
0
The flash memory operates normally.
(initial value)
1
Indicates that an error has occurred during an operation on flash memory
(programming or erasing).
Bits 6 to 0—Reserved
These bits are always read as 0 and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com