Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 202Page - Renesas Technology Corp H838024 Datasheet HTML 203Page - Renesas Technology Corp H838024 Datasheet HTML 204Page - Renesas Technology Corp H838024 Datasheet HTML 205Page - Renesas Technology Corp H838024 Datasheet HTML 206Page - Renesas Technology Corp H838024 Datasheet HTML 207Page - Renesas Technology Corp H838024 Datasheet HTML 208Page - Renesas Technology Corp H838024 Datasheet HTML 209Page - Renesas Technology Corp H838024 Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 697 page
background image
Section 6 ROM
Rev. 7.00 Mar 10, 2005 page 164 of 652
REJ09B0042-0700
6.7
On-Board Programming Modes
There are two modes for programming/erasing of the flash memory; boot mode, which enables on-
board programming/erasing, and programmer mode, in which programming/erasing is performed
with a PROM programmer. On-board programming/erasing can also be performed in user
program mode. At reset-start in reset mode, the series of HD64F38024, HD64F38024R,
HD64F38124, and HD64F38122 changes to a mode depending on the TEST pin settings, P95 pin
settings, and input level of each port, as shown in table 6.7. The input level of each pin must be
defined four states before the reset ends.
When changing to boot mode, the boot program built into this LSI is initiated. The boot program
transfers the programming control program from the externally-connected host to on-chip RAM
via SCI3. After erasing the entire flash memory, the programming control program is executed.
This can be used for programming initial values in the on-board state or for a forcible return when
programming/erasing can no longer be done in user program mode. In user program mode,
individual blocks can be erased and programmed by branching to the user program/erase control
program prepared by the user.
Table 6.7
Setting Programming Modes
TEST
P95
P34
PB0
PB1
PB2
LSI State after Reset End
01X
X
X
X
User Mode
001X
X
X
Boot Mode
1
X
X
0
0
0
Programmer Mode
X: Don’t care
6.7.1
Boot Mode
Table 6.8 shows the boot mode operations between reset end and branching to the programming
control program.
1. When boot mode is used, the flash memory programming control program must be prepared in
the host beforehand. Prepare a programming control program in accordance with the
description in section 6.8, Flash Memory Programming/Erasing.
2. SCI3 should be set to asynchronous mode, and the transfer format as follows: 8-bit data, 1 stop
bit, and no parity. The inversion function of TXD and RXD pins by the SPCR register is set to
“Not to be inverted,” so do not put the circuit for inverting a value between the host and this
LSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com