Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 206Page - Renesas Technology Corp H838024 Datasheet HTML 207Page - Renesas Technology Corp H838024 Datasheet HTML 208Page - Renesas Technology Corp H838024 Datasheet HTML 209Page - Renesas Technology Corp H838024 Datasheet HTML 210Page - Renesas Technology Corp H838024 Datasheet HTML 211Page - Renesas Technology Corp H838024 Datasheet HTML 212Page - Renesas Technology Corp H838024 Datasheet HTML 213Page - Renesas Technology Corp H838024 Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 697 page
background image
Section 6 ROM
Rev. 7.00 Mar 10, 2005 page 168 of 652
REJ09B0042-0700
6.7.3
Notes on On-Board Programming
1. You must use the system clock oscillator when programming or erasing flash memory on the
H8/38124 Group. The on-chip oscillator should not be used for programming or erasing flash
memory. See section 4.2, On-Chip Oscillator Selection Method, for information on switching
between the system clock oscillator and the on-chip oscillator.
2. On the H8/38124 Group the watchdog timer operates after a reset is canceled. When executing
a program prepared by the user that performs programming and erasing in the user mode, the
watchdog timer’s overflow cycle should be set to an appropriate value. Refer to section 6.8.1,
Program/Program-Verify, for information on the appropriate watchdog timer overflow cycle
for programming, and refer to section 6.8.2, Erase/Erase-Verify, for information on the
appropriate watchdog timer overflow cycle for erasing.
6.8
Flash Memory Programming/Erasing
A software method using the CPU is employed to program and erase flash memory in the on-
board programming modes. Depending on the FLMCR1 setting, the flash memory operates in one
of the following four modes: Program mode, program-verify mode, erase mode, and erase-verify
mode. The programming control program in boot mode and the user program/erase control
program in user program mode use these operating modes in combination to perform
programming/erasing. Flash memory programming and erasing should be performed in
accordance with the descriptions in section 6.8.1, Program/Program-Verify and section 6.8.2,
Erase/Erase-Verify, respectively.
6.8.1
Program/Program-Verify
When writing data or programs to the flash memory, the program/program-verify flowchart shown
in figure 6.10 should be followed. Performing programming operations according to this
flowchart will enable data or programs to be written to the flash memory without subjecting the
chip to voltage stress or sacrificing program data reliability.
1. Programming must be done to an empty address. Do not reprogram an address to which
programming has already been performed.
2. Programming should be carried out 128 bytes at a time. A 128-byte data transfer must be
performed even if writing fewer than 128 bytes. In this case, H'FF data must be written to the
extra addresses.
3. Prepare the following data storage areas in RAM: A 128-byte programming data area, a 128-
byte reprogramming data area, and a 128-byte additional-programming data area. Perform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com