Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 204Page - Renesas Technology Corp H838024 Datasheet HTML 205Page - Renesas Technology Corp H838024 Datasheet HTML 206Page - Renesas Technology Corp H838024 Datasheet HTML 207Page - Renesas Technology Corp H838024 Datasheet HTML 208Page - Renesas Technology Corp H838024 Datasheet HTML 209Page - Renesas Technology Corp H838024 Datasheet HTML 210Page - Renesas Technology Corp H838024 Datasheet HTML 211Page - Renesas Technology Corp H838024 Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 697 page
background image
Section 6 ROM
Rev. 7.00 Mar 10, 2005 page 166 of 652
REJ09B0042-0700
Table 6.8
Boot Mode Operation
Item
Host Operation
LSI Operation
Branches to boot program at reset-start.
Processing Contents
Processing Contents
Bit rate
adjustment
Flash memory erase
Continuously transmits data H'00 at
specified bit rate.
· Measures low-level period of receive data H'00.
· Calculates bit rate and sets it in BRR of SCI3.
· Transmits data H'00 to the host to indicate that the
adjustment has ended.
Checks flash memory data, erases all flash memory
blocks in case of written data existing, and transmits
data H'AA to host. (If erase could not be done,
transmits data H'FF to host and aborts operation.)
Transmits data H'55 when data H'00
is received and no error occurs.
Transmits number of bytes (N) of
programming control program to be
transferred as 2-byte data (low-order
byte following high-order byte)
Transmits 1-byte of programming
control program
Transfer of
programming control
program
Execution of
Programming
control program
Transfer of
programming control
program (repeated for
N times)
Echobacks the 2-byte received data to host.
Transmits 1-byte data H'AA to host.
Branches to programming control program
transferred to on-chip RAM and starts execution.
Echobacks received data to host and also
transfers it to RAM.
Table 6.9
Oscillating Frequencies (fOSC) for which Automatic Adjustment of LSI Bit Rate
Is Possible
Product Group
Host Bit Rate
Oscillating Frequencie
s (fOSC) Range of LSI
4,800 bps
8 to 10 MHz
2,400 bps
4 to 10 MHz
F-ZTAT version of
H8/38024 Group and
F-ZTAT version of
H8/38024R Group
1,200 bps
2 to 10 MHz
19,200 bps
16 to 20 MHz
F-ZTAT version of
H8/38124 Group
9,600 bps
8 to 20 MHz
4,800 bps
6 to 20 MHz
2,400 bps
2 to 20 MHz
1,200 bps
2 to 20 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com