Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 213Page - Renesas Technology Corp H838024 Datasheet HTML 214Page - Renesas Technology Corp H838024 Datasheet HTML 215Page - Renesas Technology Corp H838024 Datasheet HTML 216Page - Renesas Technology Corp H838024 Datasheet HTML 217Page - Renesas Technology Corp H838024 Datasheet HTML 218Page - Renesas Technology Corp H838024 Datasheet HTML 219Page - Renesas Technology Corp H838024 Datasheet HTML 220Page - Renesas Technology Corp H838024 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 697 page
background image
Section 6 ROM
Rev. 7.00 Mar 10, 2005 page 175 of 652
REJ09B0042-0700
6.9.3
Error Protection
In error protection, an error is detected when CPU runaway occurs during flash memory
programming/erasing, or operation is not performed in accordance with the program/erase
algorithm, and the program/erase operation is aborted. Aborting the program/erase operation
prevents damage to the flash memory due to overprogramming or overerasing.
When the following errors are detected during programming/erasing of flash memory, the FLER
bit in FLMCR2 is set to 1, and the error protection state is entered.
• When the flash memory of the relevant address area is read during programming/erasing
(including vector read and instruction fetch)
• Immediately after exception handling excluding a reset during programming/erasing
• When a SLEEP instruction is executed during programming/erasing
The FLMCR1, FLMCR2, and EBR settings are retained, however program mode or erase mode is
aborted at the point at which the error occurred. Program mode or erase mode cannot be re-entered
by re-setting the P or E bit. However, PV and EV bit setting is enabled, and a transition can be
made to verify mode. Error protection can be cleared only by a power-on reset.
6.10
Programmer Mode
In programmer mode, a PROM programmer can be used to perform programming/erasing via a
socket adapter, just as a discrete flash memory. Use a PROM programmer that supports the MCU
device type with the on-chip Renesas Technology (former Hitachi Ltd.) 64-Kbyte flash memory
(F-ZTAT64V3). A 10-MHz input clock is required. For the conditions for transition to
programmer mode, see table 6.7.
6.10.1
Socket Adapter
The socket adapter converts the pin allocation of the HD64F38024, HD64F38024R,
HD64F38124, and HD64F38122 to that of the discrete flash memory HN28F101. The address of
the on-chip flash memory is H'0000 to H'7FFF. Figure 6.12(1) shows a socket-adapter-pin
correspondence diagram of the HD64F38024 and HD64F38024R. Figure 6.12(2) shows a socket-
adapter-pin correspondence diagram of the HD64F38124 and HD64F38122.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com