Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 214Page - Renesas Technology Corp H838024 Datasheet HTML 215Page - Renesas Technology Corp H838024 Datasheet HTML 216Page - Renesas Technology Corp H838024 Datasheet HTML 217Page - Renesas Technology Corp H838024 Datasheet HTML 218Page - Renesas Technology Corp H838024 Datasheet HTML 219Page - Renesas Technology Corp H838024 Datasheet HTML 220Page - Renesas Technology Corp H838024 Datasheet HTML 221Page - Renesas Technology Corp H838024 Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 697 page
background image
Section 6 ROM
Rev. 7.00 Mar 10, 2005 page 176 of 652
REJ09B0042-0700
6.10.2
Programmer Mode Commands
The following commands are supported in programmer mode.
• Memory Read Mode
• Auto-Program Mode
• Auto-Erase Mode
• Status Read Mode
Status polling is used for auto-programming, auto-erasing, and status read modes. In status read
mode, detailed internal information is output after the execution of auto-programming or auto-
erasing. Table 6.13 shows the sequence of each command. In auto-programming mode, 129 cycles
are required since 128 bytes are written at the same time. In memory read mode, the number of
cycles depends on the number of address write cycles (n).
Table 6.13
Command Sequence in Programmer Mode
1st Cycle
2nd Cycle
Command Name
Number
of Cycles
Mode
Address
Data
Mode
Address
Data
Memory read
1 + n
Write
X
H'00
Read
RA
Dout
Auto-program
129
Write
X
H'40
Write
WA
Din
Auto-erase
2
Write
X
H'20
Write
X
H'20
Status read
2
Write
X
H'71
Write
X
H'71
n: the number of address write cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com