Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 249 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 249 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 245Page - Renesas Technology Corp H838024 Datasheet HTML 246Page - Renesas Technology Corp H838024 Datasheet HTML 247Page - Renesas Technology Corp H838024 Datasheet HTML 248Page - Renesas Technology Corp H838024 Datasheet HTML 249Page - Renesas Technology Corp H838024 Datasheet HTML 250Page - Renesas Technology Corp H838024 Datasheet HTML 251Page - Renesas Technology Corp H838024 Datasheet HTML 252Page - Renesas Technology Corp H838024 Datasheet HTML 253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 207 of 652
REJ09B0042-0700
8.3.3
Pin Functions
Table 8.6 shows the port 3 pin functions.
Table 8.6
Port 3 Pin Functions
Pin
Pin Functions and Selection Method
P37/AEVL
The pin function depends on bit AEVL in PMR3 and bit PCR37 in PCR3.
AEVL
0
1
PCR37
01
*
Pin function
P37 input pin
P37 output pin
AEVL input pin
P36/AEVH
The pin function depends on bit AEVH in PMR3 and bit PCR36 in PCR3.
AEVH
0
1
PCR36
01
*
Pin function
P36 input pin
P36 output pin
AEVH input pin
P35 to P33
The pin function depends on the corresponding bit in PCR3.
PCR3n
0
1
Pin function
P3n input pin
P3n output pin
(n = 5 to 3)
P32/TMOFH
The pin function depends on bit TMOFH in PMR3 and bit PCR32 in PCR3.
TMOFH
0
1
PCR32
01
*
Pin function
P32 input pin
P32 output pin
TMOFH output pin
P31/TMOFL
The pin function depends on bit TMOFL in PMR3 and bit PCR31 in PCR3.
TMOFL
0
1
PCR31
01
*
Pin function
P31 input pin
P31 output pin
THOFL output pin
P30/UD
The pin function depends on bit UD in PMR3 and bit PCR30 in PCR3.
UD
0
1
PCR30
01
*
Pin function
P30 input pin
P30 output pin
UD input pin
*: Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com