Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 241Page - Renesas Technology Corp H838024 Datasheet HTML 242Page - Renesas Technology Corp H838024 Datasheet HTML 243Page - Renesas Technology Corp H838024 Datasheet HTML 244Page - Renesas Technology Corp H838024 Datasheet HTML 245Page - Renesas Technology Corp H838024 Datasheet HTML 246Page - Renesas Technology Corp H838024 Datasheet HTML 247Page - Renesas Technology Corp H838024 Datasheet HTML 248Page - Renesas Technology Corp H838024 Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 203 of 652
REJ09B0042-0700
Port Data Register 3 (PDR3)
Bit
Initial value
Read/Write
7
P3
0
R/W
6
P3
0
R/W
5
P3
0
R/W
4
P3
0
R/W
3
P3
0
R/W
0
P30
0
R/W
2
P3
0
R/W
1
P3
0
R/W
21
54
76
3
PDR3 is an 8-bit register that stores data for port 3 pins P37 to P30. If port 3 is read while PCR3
bits are set to 1, the values stored in PDR3 are read, regardless of the actual pin states. If port 3 is
read while PCR3 bits are cleared to 0, the pin states are read.
Upon reset, PDR3 is initialized to H'00.
Port Control Register 3 (PCR3)
Bit
Initial value
Read/Write
7
PCR3
0
W
6
PCR3
0
W
5
PCR3
0
W
4
PCR3
0
W
3
PCR3
0
W
0
PCR30
0
W
2
PCR3
0
W
1
PCR3
0
W
21
54
3
76
PCR3 is an 8-bit register for controlling whether each of the port 3 pins P37 to P30 functions as an
input pin or output pin. Setting a PCR3 bit to 1 makes the corresponding pin an output pin, while
clearing the bit to 0 makes the pin an input pin. The settings in PCR3 and in PDR3 are valid only
when the corresponding pin is designated in PMR3 as a general I/O pin.
Upon reset, PCR3 is initialized to H'00.
PCR3 is a write-only register, which is always read as all 1s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com