Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 239Page - Renesas Technology Corp H838024 Datasheet HTML 240Page - Renesas Technology Corp H838024 Datasheet HTML 241Page - Renesas Technology Corp H838024 Datasheet HTML 242Page - Renesas Technology Corp H838024 Datasheet HTML 243Page - Renesas Technology Corp H838024 Datasheet HTML 244Page - Renesas Technology Corp H838024 Datasheet HTML 245Page - Renesas Technology Corp H838024 Datasheet HTML 246Page - Renesas Technology Corp H838024 Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 201 of 652
REJ09B0042-0700
8.2.4
Pin States
Table 8.4 shows the port 1 pin states in each operating mode.
Table 8.4
Port 1 Pin States
Pins
Reset
Sleep
Subsleep Standby
Watch
Subactive Active
P17/
IRQ
3/TMIF
P16*
1
P14/
IRQ
4/
ADTRG
P13/TMIG
High-
impedance
Retains
previous
state
Retains
previous
state
High-
impedance*
2
Retains
previous
state
Functional Functional
Notes: 1.
Pin 16 and the associated function are not implemented on the H8/38124 Group.
2. A high-level signal is output when the MOS pull-up is in the on state.
8.2.5
MOS Input Pull-Up
Port 1 has a built-in MOS input pull-up function that can be controlled by software. When a
PCR1 bit is cleared to 0, setting the corresponding PUCR1 bit to 1 turns on the MOS input pull-up
for that pin. The MOS input pull-up function is in the off state after a reset.
PCR1n
001
PUCR1n
01
*
MOS input pull-up
Off
On
Off
(n = 7, 6, 4, 3)
*: Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com