Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 235Page - Renesas Technology Corp H838024 Datasheet HTML 236Page - Renesas Technology Corp H838024 Datasheet HTML 237Page - Renesas Technology Corp H838024 Datasheet HTML 238Page - Renesas Technology Corp H838024 Datasheet HTML 239Page - Renesas Technology Corp H838024 Datasheet HTML 240Page - Renesas Technology Corp H838024 Datasheet HTML 241Page - Renesas Technology Corp H838024 Datasheet HTML 242Page - Renesas Technology Corp H838024 Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 197 of 652
REJ09B0042-0700
Port Pull-Up Control Register 1 (PUCR1)
Bit
7
65
43
21
0
PUCR17 PUCR16*
—
PUCR14 PUCR13
——
—
Initial value
0
0
—
0
0
—
—
—
Read/Write
R/W
R/W
W
R/W
R/W
W
W
W
PUCR1 controls whether the MOS pull-up of each of the port 1 pins P17, P16*, P14, and P13 is on
or off. When a PCR1 bit is cleared to 0, setting the corresponding PUCR1 bit to 1 turns on the
MOS pull-up for the corresponding pin, while clearing the bit to 0 turns off the MOS pull-up.
Note: * Pin 16 and the associated function are not implemented on the H8/38124 Group.
The register is both readable and writeable.
Port Mode Register 1 (PMR1)
Bit
7
65
43
21
0
IRQ3
—
—
IRQ4
TMIG
—
—
—
Initial value
0
1
—
0
0
—
1
—
Read/Write
R/W
—
W
R/W
R/W
W
—
W
PMR1 is an 8-bit read/write register, controlling the selection of pin functions for port 1 pins.
Bit 7—P17/
IRQ
3/TMIF Pin Function Switch (IRQ3)
This bit selects whether pin P17/
IRQ
3/TMIF is used as P17 or as
IRQ
3/TMIF.
Bit 7
IRQ3
Description
0
Functions as P17 I/O pin
(initial value)
1
Functions as
IRQ
3/TMIF input pin
Note:
Rising or falling edge sensing can be designated for
IRQ
3, TMIF. For details on TMIF
settings, see 3. Timer Control Register F (TCRF) in section 9.4.2.
Bit 6—Reserved
This bit is reserved; it is always read as 1 and cannot be modified.
Bit 5—Reserved
This bit is reserved; it can only be written with 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com