Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 236 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 232Page - Renesas Technology Corp H838024 Datasheet HTML 233Page - Renesas Technology Corp H838024 Datasheet HTML 234Page - Renesas Technology Corp H838024 Datasheet HTML 235Page - Renesas Technology Corp H838024 Datasheet HTML 236Page - Renesas Technology Corp H838024 Datasheet HTML 237Page - Renesas Technology Corp H838024 Datasheet HTML 238Page - Renesas Technology Corp H838024 Datasheet HTML 239Page - Renesas Technology Corp H838024 Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 194 of 652
REJ09B0042-0700
Port
Description
Pins
Other Functions
Function
Switching
Registers
Port 4
P43/
IRQ
0
External interrupt 0
PMR2
• 1-bit input port
• 3-bit I/O port
P42/TXD32
P41/RXD32
P40/SCK32
SCI3 data output (TXD32),
data input (RXD32), clock
input/output (SCK32)
SCR3
SMR3
SPCR
Port 5
• 8-bit I/O port
• MOS input pull-up
option
P57 to P50/
WKP
7 to
WKP
0/
SEG8 to SEG1
Wakeup input (
WKP
7 to
WKP
0), segment output
(SEG8 to SEG1)
PMR5
LPCR
Port 6
• 8-bit I/O port
• MOS input pull-up
option
P67 to P60/
SEG16 to SEG9
Segment output (SEG16 to
SEG9)
LPCR
Port 7
• 8-bit I/O port
P77 to P70/
SEG24 to SEG17
Segment output (SEG24 to
SEG17)
LPCR
Port 8
• 8-bit I/O port
P87 to P80/
SEG32 to SEG25
Segment output (SEG32 to
SEG25)
LPCR
Port 9
P95 to P92
(P95, P94, P92,
P93/Vref)*
4
None
(LVD reference voltage
external input pin)*
4
(LVDSR)*
4
• Dedicated 6-bit
output port
• High-voltage, large-
current port*
3
P91, P90/
PWM2, PWM1
10-bit PWM output
PMR9
• High-voltage port*3 IRQAEC
None
Port A
• 4-bit I/O port
PA3 to PA0/
COM4 to COM1
Common output
(COM4 to COM1)
LPCR
Port B
• Dedicated 8-bit
input port
PB7 to PB4/
AN7 to AN4
A/D converter analog input
(AN7 to AN4)
AMR
PB3/AN3/
IRQ
1
A/D converter analog input
(AN3), external interrupt 1,
timer event input (TMIC)
AMR
PMRB
TMC
PB2/AN2
A/D converter analog input
AMR
PB1/AN1/(extU)*
4
PB0/AN0/(extD)*
4
A/D converter analog input
(LVD detect voltage external
input pin)*
4
AMR
(LVDCR)*
4
Notes: 1. Pin 16 and the associated function are not implemented on the H8/38124 Group.
2. Applies to the HD64338024, HD64338023, HD64338022, HD64338021, HD64338020,
and H8/38124 Group only.
3. Standard voltage on H8/38024S Group and H8/38124 Group.
4. Applies to H8/38124 Group only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com