Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 235 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 231Page - Renesas Technology Corp H838024 Datasheet HTML 232Page - Renesas Technology Corp H838024 Datasheet HTML 233Page - Renesas Technology Corp H838024 Datasheet HTML 234Page - Renesas Technology Corp H838024 Datasheet HTML 235Page - Renesas Technology Corp H838024 Datasheet HTML 236Page - Renesas Technology Corp H838024 Datasheet HTML 237Page - Renesas Technology Corp H838024 Datasheet HTML 238Page - Renesas Technology Corp H838024 Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 193 of 652
REJ09B0042-0700
Section 8 I/O Ports
8.1
Overview
The LSI is provided with five 8-bit I/O ports, two 4-bit I/O ports, one 3-bit I/O port, one 8-bit
input-only port, one 1-bit input-only port, and one 6-bit output-only port. Table 8.1 indicates the
functions of each port.
Each port has of a port control register (PCR) that controls input and output, and a port data
register (PDR) for storing output data. Input or output can be assigned to individual bits.
See section 2.9.2, Notes on Bit Manipulation, for information on executing bit-manipulation
instructions to write data in PCR or PDR.
Ports 5, 6, 7, 8, and A are also used as liquid crystal display segment and common pins, selectable
in 4-bit units.
Block diagrams of each port are given in Appendix C, I/O Port Block Diagrams.
Table 8.1
Port Functions
Port
Description
Pins
Other Functions
Function
Switching
Registers
Port 1
P17/
IRQ
3/TMIF
External interrupt 3, timer
event input pin TMIF
PMR1
TCRF
P16*
1
None
P14/
IRQ
4/
ADTRG External interrupt 4, A/D
converter external trigger
PMR1
AMR
• 4-bit I/O port
• MOS input pull-up
option
P13/TMIG
Timer G input capture
PMR1
PMR2
Port 3
P37/AEVL
P36/AEVH
Asynchronous counter event
input pins AEVL, AEVH
PMR3
ECCR
P35 to P33
None
PMR2
P32, TMOFH
P31, TMOFL
Timer F output compare
output
PMR3
• 8-bit I/O port
• MOS input pull-up
option
• Large-current
port*
2
• MOS open drain
output selectable
(only P35)
P30/UD
Timer C count up/down
selection input
PMR3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com