Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 233Page - Renesas Technology Corp H838024 Datasheet HTML 234Page - Renesas Technology Corp H838024 Datasheet HTML 235Page - Renesas Technology Corp H838024 Datasheet HTML 236Page - Renesas Technology Corp H838024 Datasheet HTML 237Page - Renesas Technology Corp H838024 Datasheet HTML 238Page - Renesas Technology Corp H838024 Datasheet HTML 239Page - Renesas Technology Corp H838024 Datasheet HTML 240Page - Renesas Technology Corp H838024 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 195 of 652
REJ09B0042-0700
8.2
Port 1
8.2.1
Overview
Port 1 is a 4-bit I/O port. Figure 8.1 shows its pin configuration.
P17/IRQ3/TMIF
P16*
P14/IRQ4/ADTRG
P13/TMIG
Port 1
Note:
* Pin 16 and the associated function are not implemented on the H8/38124 Group.
Figure 8.1 Port 1 Pin Configuration
8.2.2
Register Configuration and Description
Table 8.2 shows the port 1 register configuration.
Table 8.2
Port 1 Registers
Name
Abbr.
R/W
Initial Value
Address
Port data register 1
PDR1
R/W
—
H'FFD4
Port control register 1
PCR1
W
—
H'FFE4
Port pull-up control register 1
PUCR1
R/W
—
H'FFE0
Port mode register 1
PMR1
R/W
—
H'FFC8
Port mode register 2
PMR2
R/W
H'D8
H'FFC9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com