Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 240 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 236Page - Renesas Technology Corp H838024 Datasheet HTML 237Page - Renesas Technology Corp H838024 Datasheet HTML 238Page - Renesas Technology Corp H838024 Datasheet HTML 239Page - Renesas Technology Corp H838024 Datasheet HTML 240Page - Renesas Technology Corp H838024 Datasheet HTML 241Page - Renesas Technology Corp H838024 Datasheet HTML 242Page - Renesas Technology Corp H838024 Datasheet HTML 243Page - Renesas Technology Corp H838024 Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 198 of 652
REJ09B0042-0700
Bit 4—P14/
IRQ
4/
ADTRG Pin Function Switch (IRQ4)
This bit selects whether pin P14/
IRQ
4/
ADTRG is used as P1
4 or as
IRQ
4/
ADTRG.
Bit 4
IRQ4
Description
0
Functions as P14 I/O pin
(initial value)
1
Functions as
IRQ
4/
ADTRG input pin
Note:
For details of
ADTRG pin setting, see section 12.3.2, Start of A/D Conversion by External
Trigger Input.
Bit 3—P13/TMIG Pin Function Switch (TMIG)
This bit selects whether pin P13/TMIG is used as P13 or as TMIG.
Bit 3
TMIG
Description
0
Functions as P13 I/O pin
(initial value)
1
Functions as TMIG input pin
Bits 2 and 0—Reserved
These bits are reserved; they can only be written with 0.
Bit 1—Reserved
This bit is reserved; it is always read as 1 and cannot be modified.
Port Mode Register 2 (PMR2)
Bit
7
65
43
21
0
—
—
POF1
—
—
WDCKS
NCS
IRQ0
Initial value
1
1
0
1
1
0
0
0
Read/Write
—
—
R/W
—
—
R/W
R/W
R/W
PMR2 is an 8-bit read/write register. It controls whether the PMOS transistor internal to P35 is on
or off, the selection of the watchdog timer clock, the selection of TMIG noise cancellation, and
switching of the P43/
IRQ
0 pin functions.
Upon reset, PMR2 is initialized to H'D8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com