Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 244 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 244 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 240Page - Renesas Technology Corp H838024 Datasheet HTML 241Page - Renesas Technology Corp H838024 Datasheet HTML 242Page - Renesas Technology Corp H838024 Datasheet HTML 243Page - Renesas Technology Corp H838024 Datasheet HTML 244Page - Renesas Technology Corp H838024 Datasheet HTML 245Page - Renesas Technology Corp H838024 Datasheet HTML 246Page - Renesas Technology Corp H838024 Datasheet HTML 247Page - Renesas Technology Corp H838024 Datasheet HTML 248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 202 of 652
REJ09B0042-0700
8.3
Port 3
8.3.1
Overview
Port 3 is an 8-bit I/O port, configured as shown in figure 8.2.
P3 /AEVL
P3 /AEVH
P3
7
6
5
Port 3
P3
P3
P3 /TMOFH
4
3
2
P3 /TMOFL
1
P3 /UD
0
Figure 8.2 Port 3 Pin Configuration
8.3.2
Register Configuration and Description
Table 8.5 shows the port 3 register configuration.
Table 8.5
Port 3 Registers
Name
Abbr.
R/W
Initial Value
Address
Port data register 3
PDR3
R/W
H'00
H'FFD6
Port control register 3
PCR3
W
H'00
H'FFE6
Port pull-up control register 3
PUCR3
R/W
H'00
H'FFE1
Port mode register 2
PMR2
R/W
H'D8
H'FFC9
Port mode register 3
PMR3
R/W
—
H'FFCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com