Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 249Page - Renesas Technology Corp H838024 Datasheet HTML 250Page - Renesas Technology Corp H838024 Datasheet HTML 251Page - Renesas Technology Corp H838024 Datasheet HTML 252Page - Renesas Technology Corp H838024 Datasheet HTML 253Page - Renesas Technology Corp H838024 Datasheet HTML 254Page - Renesas Technology Corp H838024 Datasheet HTML 255Page - Renesas Technology Corp H838024 Datasheet HTML 256Page - Renesas Technology Corp H838024 Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 211 of 652
REJ09B0042-0700
8.4.3
Pin Functions
Table 8.9 shows the port 4 pin functions.
Table 8.9
Port 4 Pin Functions
Pin
Pin Functions and Selection Method
P43/
IRQ
0
The pin function depends on bit IRQ0 in PMR2.
IRQ0
0
1
Pin function
P43 input pin
IRQ
0 input pin
P42/TXD32
The pin function depends on bit TE in SCR3, bit SPC32 in SPCR, and bit PCR42
in PCR4.
SPC32
0
1
TE
0
1
PCR42
01
*
Pin function
P42 input pin
P42 output pin
TXD32 output pin
P41/RXD32
The pin function depends on bit RE in SCR3 and bit PCR41 in PCR4.
RE
0
1
PCR41
01
*
Pin function
P41 input pin
P41 output pin
RXD32 input pin
P40/SCK32
The pin function depends on bit CKE1 and CKE0 in SCR3, bit COM in SMR3,
and bit PCR40 in PCR4.
CKE1
0
1
CKE0
0
1
*
COM
0
1
**
PCR40
01
**
Pin function
P40 input pin P40 output pin SCK32 output
pin
SCK32 input
pin
*: Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com