Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 257 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 257 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 253Page - Renesas Technology Corp H838024 Datasheet HTML 254Page - Renesas Technology Corp H838024 Datasheet HTML 255Page - Renesas Technology Corp H838024 Datasheet HTML 256Page - Renesas Technology Corp H838024 Datasheet HTML 257Page - Renesas Technology Corp H838024 Datasheet HTML 258Page - Renesas Technology Corp H838024 Datasheet HTML 259Page - Renesas Technology Corp H838024 Datasheet HTML 260Page - Renesas Technology Corp H838024 Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 215 of 652
REJ09B0042-0700
Port Pull-Up Control Register 5 (PUCR5)
Bit
Initial value
Read/Write
7
PUCR5
0
R/W
6
PUCR5
0
R/W
5
PUCR5
0
R/W
4
PUCR5
0
R/W
3
PUCR5
0
R/W
0
PUCR5
0
R/W
2
PUCR5
0
R/W
1
PUCR5
0
R/W
76
5
4
3
2
1
0
PUCR5 controls whether the MOS pull-up of each of port 5 pins P57 to P50 is on or off. When a
PCR5 bit is cleared to 0, setting the corresponding PUCR5 bit to 1 turns on the MOS pull-up for
the corresponding pin, while clearing the bit to 0 turns off the MOS pull-up.
Upon reset, PUCR5 is initialized to H'00.
Port Mode Register 5 (PMR5)
Bit
7
65
43
21
0
WKP7
WKP6
WKP5
WKP4
WKP3
WKP2
WKP1
WKP0
Initial value
0
0
0
0
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PMR5 is an 8-bit read/write register, controlling the selection of pin functions for port 5 pins.
Upon reset, PMR5 is initialized to H'00.
Bit n—P5n/
WKP
n/SEGn+1 Pin Function Switch (WKPn)
When pin P5n/
WKPn/SEGn+1 is not used as SEG
n+1, these bits select whether the pin is used as
P5n or
WKP
n.
Bit n
WKPn
Description
0
Functions as P5n I/O pin
(initial value)
1
Functions as
WKP
n input pin
(n = 7 to 0)
Note:
For use as SEGn+1, see section 13.2.1, LCD Port Control Register (LPCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com