Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 254Page - Renesas Technology Corp H838024 Datasheet HTML 255Page - Renesas Technology Corp H838024 Datasheet HTML 256Page - Renesas Technology Corp H838024 Datasheet HTML 257Page - Renesas Technology Corp H838024 Datasheet HTML 258Page - Renesas Technology Corp H838024 Datasheet HTML 259Page - Renesas Technology Corp H838024 Datasheet HTML 260Page - Renesas Technology Corp H838024 Datasheet HTML 261Page - Renesas Technology Corp H838024 Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 216 of 652
REJ09B0042-0700
8.5.3
Pin Functions
Table 8.12 shows the port 5 pin functions.
Table 8.12
Port 5 Pin Functions
Pin
Pin Functions and Selection Method
P57/
WKP
7/
SEG8 to
The pin function depends on bits WKP7 to WKP0 in PMR5, bits PCR57 to PCR50
in PCR5, and bits SGS3 to SGS0 in LPCR.
P50/
WKP
0/
SEG1
P57 to P54
(n = 7 to 4)
SGS3 to SGS0
Other than 0010, 0011, 0100, 0101, 0110,
0111, 1000, 1001
0010, 0011,
0100, 0101,
0110, 0111,
1000, 1001
WKPn
01
*
PCR5n
01
**
Pin function
P5n input pin P5n output pin
WKPn input
pin
SEGn+1
output pin
P53 to P50
(m= 3 to 0)
SGS3 to SGS0
Other than 0001, 0010, 0011, 0100, 0101,
0110, 0111, 1000
0001, 0010,
0011, 0100,
0101, 0110,
0111, 1000
WKPm
01
*
PCR5m
01
**
Pin function
P5m input pin
P5m output
pin
WKPm output
pin
SEGm+1
output pin
*: Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com