Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 260 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 256Page - Renesas Technology Corp H838024 Datasheet HTML 257Page - Renesas Technology Corp H838024 Datasheet HTML 258Page - Renesas Technology Corp H838024 Datasheet HTML 259Page - Renesas Technology Corp H838024 Datasheet HTML 260Page - Renesas Technology Corp H838024 Datasheet HTML 261Page - Renesas Technology Corp H838024 Datasheet HTML 262Page - Renesas Technology Corp H838024 Datasheet HTML 263Page - Renesas Technology Corp H838024 Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 218 of 652
REJ09B0042-0700
8.6
Port 6
8.6.1
Overview
Port 6 is an 8-bit I/O port. The port 6 pin configuration is shown in figure 8.5.
P67/SEG16
P66/SEG15
P65/SEG14
P64/SEG13
P63/SEG12
P62/SEG11
P61/SEG10
P60/SEG9
Port 6
Figure 8.5 Port 6 Pin Configuration
8.6.2
Register Configuration and Description
Table 8.14 shows the port 6 register configuration.
Table 8.14
Port 6 Registers
Name
Abbr.
R/W
Initial Value
Address
Port data register 6
PDR6
R/W
H'00
H'FFD9
Port control register 6
PCR6
W
H'00
H'FFE9
Port pull-up control register 6
PUCR6
R/W
H'00
H'FFE3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com