Electronic Components Datasheet Search
  English  ▼

X  

CS42526 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS42526
Description  114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42526 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS42526 Datasheet HTML 42Page - Cirrus Logic CS42526 Datasheet HTML 43Page - Cirrus Logic CS42526 Datasheet HTML 44Page - Cirrus Logic CS42526 Datasheet HTML 45Page - Cirrus Logic CS42526 Datasheet HTML 46Page - Cirrus Logic CS42526 Datasheet HTML 47Page - Cirrus Logic CS42526 Datasheet HTML 48Page - Cirrus Logic CS42526 Datasheet HTML 49Page - Cirrus Logic CS42526 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 93 page
background image
46
DS585F1
CS42526
6. REGISTER DESCRIPTION
All registers are read/write except for the I.D. and Revision Register, OMCK/PLL_CLK Ratio Register, Interrupt Sta-
tus Register, and Q-Channel Subcode Bytes and C-bit or U-bit Data Buffer, which are read only. See the following
bit definition tables for bit assignment information. The default state of each bit after a power-up sequence or reset
is listed in each bit description.
6.1
Memory Address Pointer (MAP)
Not a register
6.1.1
INCREMENT (INCR)
Default = 1
Function:
Memory Address Pointer auto increment control
0 -
MAP is not incremented automatically.
1 -
Internal MAP is automatically incremented after each read or write.
6.1.2
MEMORY ADDRESS POINTER (MAPX)
Default = 0000001
Function:
Memory Address Pointer (MAP). Sets the register address that will be read or written by the control
port.
6.2
Chip I.D. and Revision Register (address 01h) (Read Only)
6.2.1
CHIP I.D. (CHIP_IDX)
Default = 1111
Function:
I.D. code for the CS42526. Permanently set to 1111.
6.2.2
CHIP REVISION (REV_IDX)
Default = xxxx
Function:
CS42526 revision level.
Revision D is coded as 0100.
Revision C is coded as 0011.
76
543
21
0
INCR
MAP6
MAP5
MAP4
MAP3
MAP2
MAP1
MAP0
76
543
21
0
Chip_ID3
Chip_ID2
Chip_ID1
CHIP_ID0
Rev_ID3
Rev_ID2
Rev_ID1
Rev_ID0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com