Electronic Components Datasheet Search
  English  ▼

X  

CS42526 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS42526
Description  114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42526 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS42526 Datasheet HTML 25Page - Cirrus Logic CS42526 Datasheet HTML 26Page - Cirrus Logic CS42526 Datasheet HTML 27Page - Cirrus Logic CS42526 Datasheet HTML 28Page - Cirrus Logic CS42526 Datasheet HTML 29Page - Cirrus Logic CS42526 Datasheet HTML 30Page - Cirrus Logic CS42526 Datasheet HTML 31Page - Cirrus Logic CS42526 Datasheet HTML 32Page - Cirrus Logic CS42526 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 93 page
background image
DS585F1
29
CS42526
4.6.2
Serial Audio Interface Formats
The CODEC_SP and SAI_SP digital audio serial ports support five formats with varying bit depths from
16 to 24 as shown in Figures 10 to 14. These formats are selected using the configuration bits in the reg-
isters, “Functional Mode (address 03h)” on page 48 and “Interface Formats (address 04h)” on page 50.
For the diagrams below, Single-Speed Mode is equivalent to Fs = 32, 44.1, 48 kHz; Double-Speed Mode
is for Fs = 64, 88.2, 96 kHz; and Quad-Speed Mode is for Fs = 176.4, 196 kHz.
Left Channel
Right Channel
CX_SDINx
CX_SDOUT
SAI_SDOUT
+3 +2 +1
+5 +4
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
MSB
MSB
LSB
LSB
CX_LRCK
SAI_LRCK
CX_SCLK
SAI_SCLK
Figure 10. I²S Serial Audio Formats
I²S Mode, Data Valid on Rising Edge of SCLK
Bits/Sample
SCLK Rate(s)
Notes
Master
Slave
16
64
48, 64, 128 Fs
Single-Speed Mode
64 Fs
64 Fs
Double-Speed Mode
64 Fs
64 Fs
Quad-Speed Mode
18 to 24
64, 128, 256 Fs
48, 64, 128 Fs
Single-Speed Mode
64 Fs
48, 64 Fs
Double-Speed Mode
64 Fs
48, 64 Fs
Quad-Speed Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com