Electronic Components Datasheet Search
  English  ▼

X  

CS42526 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS42526
Description  114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42526 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS42526 Datasheet HTML 19Page - Cirrus Logic CS42526 Datasheet HTML 20Page - Cirrus Logic CS42526 Datasheet HTML 21Page - Cirrus Logic CS42526 Datasheet HTML 22Page - Cirrus Logic CS42526 Datasheet HTML 23Page - Cirrus Logic CS42526 Datasheet HTML 24Page - Cirrus Logic CS42526 Datasheet HTML 25Page - Cirrus Logic CS42526 Datasheet HTML 26Page - Cirrus Logic CS42526 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 93 page
background image
DS585F1
23
CS42526
4.3.3
Digital Volume and Mute Control
Each DAC’s output level is controlled via the Volume Control registers operating over the range of 0 to
-127 dB attenuation with 0.5 dB resolution. See “Volume Control (addresses 0Fh, 10h, 11h, 12h, 13h,
14h)” on page 59. Volume control changes are programmable to ramp in increments of 0.125 dB at the
rate controlled by the SZC[1:0] bits in the Digital Volume Control register. See “Volume Transition Control
(address 0Dh)” on page 57.
Each output can be independently muted via mute control bits in the register “Channel Mute (address
0Eh)” on page 59. When enabled, each XX_MUTE bit attenuates the corresponding DAC to its maximum
value (-127 dB). When the XX_MUTE bit is disabled, the corresponding DAC returns to the attenuation
level set in the Volume Control register. The attenuation is ramped up and down at the rate specified by
the SZC[1:0] bits.
The Mute Control pin, MUTEC, is typically connected to an external mute control circuit. The Mute Control
pin outputs high impedance during Power-Up or in Power-Down Mode by setting the PDN bit in the reg-
ister “Power Control (address 02h)” on page 47 to a ‘1’. Once out of Power-Down Mode, the pin can be
controlled by the user via the control port, or automatically asserted high when zero data is present on all
DAC inputs, or when serial port clock errors are present. To prevent large transients on the output, it is
desirable to mute the DAC outputs before the Mute Control pin is asserted. Please see the MUTEC pin
in the Pin Descriptions section for more information.
Each of the RXP1/GPO1-RXP7/GPO7 can be programmed to provide a hardware MUTE signal to indi-
vidual circuits. When not used as an S/PDIF input, each pin can be programmed as an output, with spe-
cific muting capabilities as defined by the function bits in the register “RXP/General-Purpose Pin Control
(addresses 29h to 2Fh)” on page 70.
4.3.4
ATAPI Specification
The CS42526 implements the channel-mixing functions of the ATAPI CD-ROM specification. The
ATAPI functions are applied per A-B pair. Refer to Table 16 on page 61 and Figure 8 for additional infor-
mation.
ΣΣ
A Channel
Volume
Control
AOUTAx
AOUTBx
Left Channel
Audio Data
Right Channel
Audio Data
BChannel
Volume
Control
MUTE
MUTE
CX_SDINx
Figure 8. ATAPI Block Diagram (x = channel pair 1, 2, or 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com