Electronic Components Datasheet Search
  English  ▼

X  

CS42526 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS42526
Description  114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42526 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS42526 Datasheet HTML 33Page - Cirrus Logic CS42526 Datasheet HTML 34Page - Cirrus Logic CS42526 Datasheet HTML 35Page - Cirrus Logic CS42526 Datasheet HTML 36Page - Cirrus Logic CS42526 Datasheet HTML 37Page - Cirrus Logic CS42526 Datasheet HTML 38Page - Cirrus Logic CS42526 Datasheet HTML 39Page - Cirrus Logic CS42526 Datasheet HTML 40Page - Cirrus Logic CS42526 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 93 page
background image
DS585F1
37
CS42526
4.6.4.5
OLM Config #5
This One-Line Mode configuration can support up to 6 channels of DAC data 2 channels of ADC data and
2 channels of S/PDIF received data and will handle up to 24-bit samples at a sampling frequency of 48 kHz
on all channels for both the DAC and ADC. The output data stream of the internal ADCs can be configured
to use the CX_SDOUT output and run at the CODEC_SP clock speeds or to use the SAI_SDOUT data
output and run at the SAI_SP rate. The CODEC_SP and SAI_SP can operate at different Fs rates.
Register / Bit Settings
Description
Functional Mode Register (addr = 03h)
Set CODEC_FMx = 00,01,10
CX_LRCK can run at SSM, DSM, or QSM independent of SAI_LRCK
Set SAI_FMx = 00,01,10
SAI_LRCK can run at SSM, DSM, or QSM independent of CX_LRCK
Set ADC_SP SELx = 00,01,10
Configure ADC data to use CX_SDOUT and CODEC_SP clocks, or
SAI_SDOUT and SAI_SP cocks.
Interface Format Register (addr = 04h)
Set DIFx bits to proper serial format
Select the digital interface format when not in one line mode
Set ADC_OLx bits = 00
Set ADC operating mode to Not One Line Mode since only 2 channels of
ADC are supported
Set DAC_OLx bits = 00,01
Select DAC operating mode, see table below for valid combinations
Misc. Control Register (addr = 05h)
Set CODEC_SP M/S = 0 or 1
Set CODEC Serial Port to master mode or slave mode.
Set SAI_SP M/S = 0 or 1
Set Serial Audio Interface Port to master mode or slave mode.
Set EXT ADC SCLK = 0
External ADCs are not used. Leave bit in default state.
CX_SDOUT= ADC Data
SAI_SDOUT=ADC or
S/PDIF Data
DAC Mode
Not One-Line Mode
One-Line Mode #1
One-Line Mode #2
ADC Mode
Not One-
Line Mode
CX_SCLK=64 Fs
CX_LRCK=SSM/DSM/QSM
SAI_SCLK=64 Fs
SAI_LRCK=SSM/DSM/QSM
CX_SCLK=128 Fs
CX_LRCK=SSM/DSM
SAI_SCLK=64 Fs
SAI_LRCK=SSM/DSM/QSM
not valid
One-Line
Mode #1
not valid
not valid
not valid
One-Line
Mode #2
not valid
not valid
not valid
SCLK_PORT1
LRCK_PORT1
SDIN_PORT1
SCLK_PORT2
LRCK_PORT2
SDIN_PORT2
SCLK_PORT3
LRCK_PORT3
SDOUT1_PORT3
SDOUT2_PORT3
SDOUT3_PORT3
RMCK
ADCIN1
ADCIN2
SPDIF or ADC Data
ADC Data
64Fs,128Fs, 256Fs
DIGITAL AUDIO
PROCESSOR
SAI_SCLK
SAI_LRCK
SAI_SDOUT
CX_SCLK
CX_LRCK
CX_SDOUT
CX_SDIN1
CX_SDIN2
CX_SDIN3
64Fs,128Fs, 256Fs
MCLK
Figure 20. OLM Configuration #5
CS42526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com