Electronic Components Datasheet Search
  English  ▼

X  

CS42526 Datasheet(PDF) 74 Page - Cirrus Logic

Part # CS42526
Description  114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42526 Datasheet(HTML) 74 Page - Cirrus Logic

Back Button CS42526 Datasheet HTML 70Page - Cirrus Logic CS42526 Datasheet HTML 71Page - Cirrus Logic CS42526 Datasheet HTML 72Page - Cirrus Logic CS42526 Datasheet HTML 73Page - Cirrus Logic CS42526 Datasheet HTML 74Page - Cirrus Logic CS42526 Datasheet HTML 75Page - Cirrus Logic CS42526 Datasheet HTML 76Page - Cirrus Logic CS42526 Datasheet HTML 77Page - Cirrus Logic CS42526 Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 93 page
background image
74
DS585F1
CS42526
8. APPENDIX A: EXTERNAL FILTERS
8.1
ADC Input Filter
The analog modulator samples the input at 6.144 MHz (internal MCLK=12.288 MHz). The digital filter will
reject signals within the stopband of the filter. However, there is no rejection for input signals which are
(n
× 6.144 MHz) the digital passband frequency, where n=0,1,2,... Refer to Figure 24 for a recommended
analog input buffer that will attenuate any noise energy at 6.144 MHz, in addition to providing the optimum
source impedance for the modulators. The use of capacitors that have a large voltage coefficient (such as
general-purpose ceramics) must be avoided since these can degrade signal linearity.
8.2
DAC Output Filter
The CS42526 is a linear phase design and does not include phase or amplitude compensation for an exter-
nal filter. Therefore, the DAC system phase and amplitude response will be dependent on the external an-
alog circuitry.
VA
+
+
-
-
100
µF
100 k
Ω
10 k
Ω
3.32 k
Ω
2.8 k
Ω
0.1
µF
100
µF
470 pF
470 pF
C0G
C0G
634
Ω
634
Ω
634
Ω
91
Ω
91
Ω
2700 pF
C0G
A INL1+
A INL1-
AINR1+
AINR1-
VA
+
+
-
-
100
µF
100 k
Ω
10 k
Ω
3.32 k
Ω
2.8 k
Ω
0.1
µF
100
µF
470 pF
470 pF
C0G
C0G
634
Ω
634
Ω
634
Ω
91
Ω
91
Ω
2700 pF
C0G
332
Ω
332
Ω
Figure 24. Recommended Analog Input Buffer
AINL
AINR
AOUT +
AOUT -
-
+
390 pF
C0G
1 k
Ω
22
µF
6.19 k
Ω
1800 pF
C0G
887
Ω
2.94 k
Ω
5.49 k
Ω
1.65 k
Ω
1.87 k
Ω
22
µF
1200 pF
C0G
5800 pF
C0G
47.5 k
Ω
Analog
Out
Figure 25. Recommended Analog Output Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com