Electronic Components Datasheet Search
  English  ▼

X  

CS42526 Datasheet(PDF) 62 Page - Cirrus Logic

Part # CS42526
Description  114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42526 Datasheet(HTML) 62 Page - Cirrus Logic

Back Button CS42526 Datasheet HTML 58Page - Cirrus Logic CS42526 Datasheet HTML 59Page - Cirrus Logic CS42526 Datasheet HTML 60Page - Cirrus Logic CS42526 Datasheet HTML 61Page - Cirrus Logic CS42526 Datasheet HTML 62Page - Cirrus Logic CS42526 Datasheet HTML 63Page - Cirrus Logic CS42526 Datasheet HTML 64Page - Cirrus Logic CS42526 Datasheet HTML 65Page - Cirrus Logic CS42526 Datasheet HTML 66Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 93 page
background image
62
DS585F1
CS42526
6.16
ADC Left Channel Gain (address 1Ch)
6.16.1 ADC LEFT CHANNEL GAIN (LGAINX)
Default = 00h
Function:
The level of the left analog channel can be adjusted in 1 dB increments as dictated by the Soft and
Zero Cross bits (SZC[1:0]) from +15 to -15 dB. Levels are decoded in two’s complement, as shown
in Table 17.
6.17
ADC Right Channel Gain (address 1Dh)
6.17.1 ADC RIGHT CHANNEL GAIN (RGAINX)
Default = 00h
Function:
The level of the right analog channel can be adjusted in 1 dB increments as dictated by the Soft and
Zero Cross bits (SZC[1:0]) from +15 to -15 dB. Levels are decoded in two’s complement, as shown
in Table 17.
6.18
Receiver Mode Control (address 1Eh)
6.18.1 SERIAL PORT SYNCHRONIZATION (SP_SYNC)
Default = 0
0 - CX & SAI Serial Port timings not in phase
1 - CX & SAI Serial Port timings are in phase
Function:
Forces the LRCK and SCLK from the CX & SAI Serial Ports to align and operate in phase. This func-
tion will operate when both ports are running at the same sample rate or when operating at different
sample rates.
76
543
21
0
Reserved
Reserved
LGAIN5
LGAIN4
LGAIN3
LGAIN2
LGAIN1
LGAIN0
76
543
21
0
Reserved
Reserved
RGAIN5
RGAIN4
RGAIN3
RGAIN2
RGAIN1
RGAIN0
Binary Code
Decimal Value
Volume Setting
001111
+15
+15 dB
001010
+10
+10 dB
000101
+5
+5 dB
000000
0
0 dB
111011
-5
-5 dB
110110
-10
-10 dB
110001
-15
-15 dB
Table 17. Example ADC Input Gain Settings
76
543
21
0
SP_SYNC
Reserved
DE-EMPH1
DE-EMPH0
INT1
INT0
HOLD1
HOLD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com