Electronic Components Datasheet Search
  English  ▼

X  

CS42526 Datasheet(PDF) 63 Page - Cirrus Logic

Part # CS42526
Description  114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42526 Datasheet(HTML) 63 Page - Cirrus Logic

Back Button CS42526 Datasheet HTML 59Page - Cirrus Logic CS42526 Datasheet HTML 60Page - Cirrus Logic CS42526 Datasheet HTML 61Page - Cirrus Logic CS42526 Datasheet HTML 62Page - Cirrus Logic CS42526 Datasheet HTML 63Page - Cirrus Logic CS42526 Datasheet HTML 64Page - Cirrus Logic CS42526 Datasheet HTML 65Page - Cirrus Logic CS42526 Datasheet HTML 66Page - Cirrus Logic CS42526 Datasheet HTML 67Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 93 page
background image
DS585F1
63
CS42526
6.18.2 DE-EMPHASIS SELECT BITS (DE-EMPHX)
Default = 00
00 - Reserved
01 - De-Emphasis for 32 kHz sample rate.
10 - De-Emphasis for 44.1 kHz sample rate.
11 - De-Emphasis for 48 kHz sample rate.
Function:
Used to specify which de-emphasis filter to apply when the “Force PLL Lock (FRC_PLL_LK)” on
page 54 is enabled.
6.18.3 INTERRUPT PIN CONTROL (INTX)
Default = 00
00 - Active high; high output indicates interrupt condition has occurred
01 - Active low; low output indicates an interrupt condition has occurred
10 - Open drain, active low. Requires an external pull-up resistor on the INT pin.
11 - Reserved
Function:
Determines how the interrupt pin (INT) will indicate an interrupt condition.
6.18.4 AUDIO SAMPLE HOLD (HOLDX)
Default = 00
00 - Hold the last valid audio sample
01 - Replace the current audio sample with 00 (mute)
10 - Do not change the received audio sample
11 - Reserved
Function:
Determines how received audio samples are affected when a receiver error occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com