Electronic Components Datasheet Search
  English  ▼

X  

CS42526 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS42526
Description  114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42526 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS42526 Datasheet HTML 15Page - Cirrus Logic CS42526 Datasheet HTML 16Page - Cirrus Logic CS42526 Datasheet HTML 17Page - Cirrus Logic CS42526 Datasheet HTML 18Page - Cirrus Logic CS42526 Datasheet HTML 19Page - Cirrus Logic CS42526 Datasheet HTML 20Page - Cirrus Logic CS42526 Datasheet HTML 21Page - Cirrus Logic CS42526 Datasheet HTML 22Page - Cirrus Logic CS42526 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 93 page
background image
DS585F1
19
CS42526
ADCIN1
ADCIN2
58
57
External ADC Serial Input
(Input) - The CS42526 provides for up to two external stereo analog to digital
converter inputs to provide a maximum of six channels on one serial data output line when the CS42526
is placed in One-Line Mode.
OMCK
59
External Reference Clock
(Input) - External clock reference that must be within the ranges specified in
the register “OMCK Frequency (OMCK Freqx)” on page 53.
TEST
62
Test Pin
(Input) - This pin must be connected to DGND.
SAI_LRCK
60
Serial Audio Interface Left/Right Clock
(Input/Output) - Determines which channel, Left or Right, is
currently active on the serial audio data line.
SAI_SCLK
61
Serial Audio Interface Serial Clock (Input/Output)
- Serial clock for the Serial Audio Interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com