Electronic Components Datasheet Search
  English  ▼

X  

CS42526 Datasheet(PDF) 72 Page - Cirrus Logic

Part # CS42526
Description  114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42526 Datasheet(HTML) 72 Page - Cirrus Logic

Back Button CS42526 Datasheet HTML 68Page - Cirrus Logic CS42526 Datasheet HTML 69Page - Cirrus Logic CS42526 Datasheet HTML 70Page - Cirrus Logic CS42526 Datasheet HTML 71Page - Cirrus Logic CS42526 Datasheet HTML 72Page - Cirrus Logic CS42526 Datasheet HTML 73Page - Cirrus Logic CS42526 Datasheet HTML 74Page - Cirrus Logic CS42526 Datasheet HTML 75Page - Cirrus Logic CS42526 Datasheet HTML 76Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 93 page
background image
72
DS585F1
CS42526
following table. It is recommended that in this mode the remaining functional bits be set to 0.
GPO, Drive High - If the pin is configured as a general-purpose output, the functional bits are ignored
and the pin is driven high. It is recommended that in this mode all the functional bits be set to 0.
6.29
Q-Channel Subcode Bytes 0 to 9 (addresses 30h to 39h) (Read Only)
These ten registers contain the decoded Q-channel subcode data.
6.30
C-Bit or U-Bit Data Buffer (addresses 3Ah to 51h) (Read Only)
Either channel status data buffer E or user data buffer E is accessible through these register addresses.
Function1
Function0
GPOx
Driver Type
0
0
Drive Low
CMOS
1
1
OVFL R or L
Open Drain
76
543
21
0
Address3
Address2
Address1
Address0
Control3
Control2
Control1
Control0
Track7
Track6
Track5
Track4
Track3
Track2
Track1
Track0
Index7
Index6
Index5
Index4
Index3
Index2
Index1
Index0
Minute7
Minute6
Minute5
Minute4
Minute3
Minute2
Minute1
Minute0
Second7
Second6
Second5
Second4
Second3
Second2
Second1
Second0
Frame7
Frame6
Frame5
Frame4
Frame3
Frame2
Frame1
Frame0
Zero7
Zero6
Zero5
Zero4
Zero3
Zero2
Zero1
Zero0
A.Minute7
A.Minute6
A.Minute5
A.Minute4
A.Minute3
A.Minute2
A.Minute1
A.Minute0
A.Second7
A.Second6
A.Second5
A.Second4
A.Second3
A.Second2
A.Second1
A.Second0
A.Frame7
A.Frame6
A.Frame5
A.Frame4
A.Frame3
A.Frame2
A.Frame1
A.Frame0
76
543
21
0
CU Buffer7
CU Buffer6
CU Buffer5
CU Buffer4
CU Buffer3
CU Buffer2
CU Buffer1
CU Buffer0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com