Electronic Components Datasheet Search
  English  ▼

X  

CS42526 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS42526
Description  114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42526 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS42526 Datasheet HTML 14Page - Cirrus Logic CS42526 Datasheet HTML 15Page - Cirrus Logic CS42526 Datasheet HTML 16Page - Cirrus Logic CS42526 Datasheet HTML 17Page - Cirrus Logic CS42526 Datasheet HTML 18Page - Cirrus Logic CS42526 Datasheet HTML 19Page - Cirrus Logic CS42526 Datasheet HTML 20Page - Cirrus Logic CS42526 Datasheet HTML 21Page - Cirrus Logic CS42526 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 93 page
background image
18
DS585F1
CS42526
INT
11
Interrupt (Output
) - The CS42526 will generate an interrupt condition as per the Interrupt Mask register.
See “Interrupts” on page 40 for more details.
RST
12
Reset
(Input) - The device enters a low power mode and all internal registers are reset to their default
settings when low.
AINR-
AINR+
13
14
Differential Right Channel Analog Input
(Input) - Signals are presented differentially to the delta-sigma
modulators via the AINR+/- pins.
AINL+
AINL-
15
16
Differential Left Channel Analog Input
(Input) - Signals are presented differentially to the delta-sigma
modulators via the AINL+/- pins.
VQ
17
Quiescent Voltage
(Output) - Filter connection for internal quiescent reference voltage.
FILT+
18
Positive Voltage Reference
(Output) - Positive reference voltage for the internal sampling circuits.
REFGND
19
Reference Ground
(Input) - Ground reference for the internal sampling circuits.
NC
20
21
22
23
No Connect Pins
- Do not make any connection to these pins.
AOUTA1 +,-
AOUTB1 +,-
AOUTA2 +,-
AOUTB2 +,-
AOUTA3 +,-
AOUTB3 +,-
36,37
35,34
32,33
31,30
28,29
27,26
Differential Analog Output
(Output) - The full-scale differential analog output level is specified in the
Analog Characteristics specification table.
VA
VARX
24
41
Analog Power
(Input) - Positive power supply for the analog section.
AGND
25
40
Analog Ground
(Input) - Ground reference. Should be connected to analog ground.
MUTEC
38
Mute Control
(Output) - The Mute Control pin outputs high impedance following an initial power-on con-
dition or whenever the PDN bit is set to a ‘1’, forcing the codec into power-down mode. The signal will
remain in a high impedance state as long as the part is in power-down mode. The Mute Control pin goes
to the selected “active” state during reset, muting, or if the master clock to left/right clock frequency ratio
is incorrect. This pin is intended to be used as a control for external mute circuits to prevent the clicks
and pops that can occur in any single supply system. The use of external mute circuits are not manda-
tory but may be desired for designs requiring the absolute minimum in extraneous clicks and pops.
LPFLT
39
PLL Loop Filter
(Output) - An RC network should be connected between this pin and ground.
RXP7/GPO7
RXP6/GPO6
RXP5/GPO5
RXP4/GPO4
RXP3/GPO3
RXP2/GPO2
RXP1/GPO1
42
43
44
45
46
47
48
S/PDIF Receiver Input/ General Purpose Output
(Input/Output) - Receiver inputs for S/PDIF encoded
data. The CS42526 has an internal 8:2 multiplexer to select the active receiver port, according to the
Receiver Mode Control 2 register. These pins can also be configured as general purpose output pins,
ADC Overflow indicators or Mute Control outputs according to the RXP/General Purpose Pin Control
registers.
RXP0
49
S/PDIF Receiver Input
(Input) - Dedicated receiver input for S/PDIF encoded data.
TXP
50
S/PDIF Transmitter Output
(Output) - S/PDIF encoded data output, mapped directly from one of the
receiver inputs as indicated by the Receiver Mode Control 2 register.
VLS
53
Serial Port Interface Power
(Input) - Determines the required signal level for the serial port interfaces.
SAI_SDOUT
54
Serial Audio Interface Serial Data Output
(Output) - Output for two’s complement serial audio PCM
data from the S/PDIF incoming stream. This pin can also be configured to transmit the output of the inter-
nal and external ADCs.
RMCK
55
Recovered Master Clock
(Output) - Recovered master clock output from the External Clock Reference
(OMCK, pin 59) or the PLL which is locked to the incoming S/PDIF stream or CX_LRCK.
CX_SDOUT
56
CODEC Serial Data Output
(Output) - Output for two’s complement serial audio data from the internal
and external ADCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com