Electronic Components Datasheet Search
  English  ▼

X  

CS42526 Datasheet(PDF) 64 Page - Cirrus Logic

Part # CS42526
Description  114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42526 Datasheet(HTML) 64 Page - Cirrus Logic

Back Button CS42526 Datasheet HTML 60Page - Cirrus Logic CS42526 Datasheet HTML 61Page - Cirrus Logic CS42526 Datasheet HTML 62Page - Cirrus Logic CS42526 Datasheet HTML 63Page - Cirrus Logic CS42526 Datasheet HTML 64Page - Cirrus Logic CS42526 Datasheet HTML 65Page - Cirrus Logic CS42526 Datasheet HTML 66Page - Cirrus Logic CS42526 Datasheet HTML 67Page - Cirrus Logic CS42526 Datasheet HTML 68Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 93 page
background image
64
DS585F1
CS42526
6.19
Receiver Mode Control 2 (address 1Fh)
6.19.1 TXP MULTIPLEXER (TMUXX)
Default = 000
Function:
Selects which of the eight receiver inputs will be mapped directly to the TXP output pin.
6.19.2 RECEIVER MULTIPLEXER (RMUXX)
Default = 000
Function:
Selects which of the eight receiver inputs will be mapped to the internal receiver.
6.20
Interrupt Status (address 20h) (Read Only)
For all bits in this register, a “1” means the associated interrupt condition has occurred at least once since the reg-
ister was last read. A ”0” means the associated interrupt condition has NOT occurred since the last reading of the
register. Reading the register resets all bits to 0. Status bits that are masked off in the associated mask register will
always be “0” in this register.
76
543
21
0
Reserved
TMUX2
TMUX1
TMUX0
Reserved
RMUX2
RMUX1
RMUX0
TMUX2
TMUX1
TMUX0
Description
00
0
Output from pin RXP0
00
1
Output from pin RXP1
01
0
Output from pin RXP2
01
1
Output from pin RXP3
10
0
Output from pin RXP4
10
1
Output from pin RXP5
11
0
Output from pin RXP6
11
1
Output from pin RXP7
Table 18. TXP Output Selection
RMUX2
RMUX1
RMUX0
Description
00
0
Input from pin RXP0
00
1
Input from pin RXP1
01
0
Input from pin RXP2
01
1
Input from pin RXP3
10
0
Input from pin RXP4
10
1
Input from pin RXP5
11
0
Input from pin RXP6
11
1
Input from pin RXP7
Table 19. Receiver Input Selection
76
543
21
0
UNLOCK
Reserved
QCH
DETC
DETU
Reserved
OverFlow
RERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com