Electronic Components Datasheet Search
  English  ▼

X  

CS42526 Datasheet(PDF) 69 Page - Cirrus Logic

Part # CS42526
Description  114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42526 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button CS42526 Datasheet HTML 65Page - Cirrus Logic CS42526 Datasheet HTML 66Page - Cirrus Logic CS42526 Datasheet HTML 67Page - Cirrus Logic CS42526 Datasheet HTML 68Page - Cirrus Logic CS42526 Datasheet HTML 69Page - Cirrus Logic CS42526 Datasheet HTML 70Page - Cirrus Logic CS42526 Datasheet HTML 71Page - Cirrus Logic CS42526 Datasheet HTML 72Page - Cirrus Logic CS42526 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 93 page
background image
DS585F1
69
CS42526
6.25.3 PLL LOCK STATUS (UNLOCK)
Default = x
0 - PLL locked
1 - PLL out of lock
Function:
Indicates the lock status of the PLL.
6.25.4 RECEIVED VALIDITY (V)
Default = x
0 - Data is valid and is normally linear coded PCM audio
1 - Data is invalid, or may be valid compressed audio
Function:
Indicates the received validity status. This bit is updated on sub-frame boundaries.
6.25.5 RECEIVED CONFIDENCE (CONF)
Default = x
0 - No error
1 - Confidence error. The logical OR of UNLOCK and BIP. The input data stream may be near an error
condition due to jitter.
Function:
Indicates the received confidence status. This bit is updated on sub-frame boundaries.
6.25.6 BI-PHASE ERROR (BIP)
Default = x
0 - No error
1 - Bi-phase error. This indicates an error in the received bi-phase coding.
Function:
Indicates a bi-phase coding error. This bit is updated on sub-frame boundaries.
6.25.7 PARITY STATUS (PAR)
Default = x
0 - No error
1 - Parity Error
Function:
Indicates the Parity status. This bit is updated on sub-frame boundaries.
6.26
Receiver Errors Mask (address 27h)
Default = 00000000
Function:
The bits in this register serve as masks for the corresponding bits of the Receiver Errors register. If a
mask bit is set to 1, the error is unmasked, meaning that its occurrence will appear in the receiver
errors register, will affect the RERR interrupt, and will affect the current audio sample according to
7
6
5
432
10
Reserved
QCRCM
CCRCM
UNLOCKM
VM
CONFM
BIPM
PARM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com