Electronic Components Datasheet Search
  English  ▼

X  

CS42526 Datasheet(PDF) 56 Page - Cirrus Logic

Part # CS42526
Description  114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42526 Datasheet(HTML) 56 Page - Cirrus Logic

Back Button CS42526 Datasheet HTML 52Page - Cirrus Logic CS42526 Datasheet HTML 53Page - Cirrus Logic CS42526 Datasheet HTML 54Page - Cirrus Logic CS42526 Datasheet HTML 55Page - Cirrus Logic CS42526 Datasheet HTML 56Page - Cirrus Logic CS42526 Datasheet HTML 57Page - Cirrus Logic CS42526 Datasheet HTML 58Page - Cirrus Logic CS42526 Datasheet HTML 59Page - Cirrus Logic CS42526 Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 93 page
background image
56
DS585F1
CS42526
6.9.3
SYSTEM CLOCK SELECTION (ACTIVE_CLK)
Default = x
0 - Output of PLL
1 - OMCK
Function:
This bit identifies the source of the internal system clock (MCLK).
6.9.4
RECEIVER CLOCK FREQUENCY (RCVR_CLKX)
Default = xxx
Function:
The CS42526 detects the ratio between the OMCK and the recovered clock from the PLL. Given the
absolute frequency of OMCK, this ratio may be used to determine the absolute frequency of the PLL
clock.
If a 12.2880 MHz, 18.4320 MHz, or 24.5760 MHz clock is applied to OMCK and the OMCK_FREQX
bits are set accordingly (see “OMCK Frequency (OMCK Freqx)” on page 53), the absolute frequency
of the PLL clock is reflected in the RCVR_CLKX bits according to Table 16. If the absolute frequency
of the PLL clock does not match one of the frequencies given in Table 16, these bits will reflect the
closest available value.
If the frequency of OMCK is not equal to 12.2880 MHz, 18.4320 MHz, or 24.5760 MHz, the contents
of the RCVR_CLKX bits will be inaccurate and should be disregarded. In this case, an external con-
troller may use the contents of the OMCK/PLL_CLK ratio register and the known OMCK frequency to
determine the absolute frequency of the PLL clock.
Note:
These bits are set to ‘111’b when the FRC_PLL_LK bit is ‘1’b.
6.10
Burst Preamble PC and PD Bytes (addresses 09h - 0Ch)(Read Only)
6.10.1 BURST PREAMBLE BITS (PCX & PDX)
Default = xxh
Function:
The PC and PD burst preamble bytes are loaded into these four registers.
RCVR_CLK2 RCVR_CLK1 RCVR_CLK0
Description
0
0
0
8.1920 MHz
0
0
1
11.2896 MHz
0
1
0
12.288 MHz
0
1
1
16.3840 MHz
1
0
0
22.5792 MHz
1
0
1
24.5760 MHz
1
1
0
45.1584 MHz
1
1
1
49.1520 MHz
Table 14. Receiver Clock Frequency Detection
76
543
21
0
PCx-7
PCx-6
PCx-5
PCx-4
PCx-3
PCx-2
PCx-1
PCx-0
PDx-7
PDx-6
PDx-5
PDx-4
PDx-3
PDx-2
PDx-1
PDx-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com