Electronic Components Datasheet Search
  English  ▼

X  

PM4332 Datasheet(PDF) 40 Page - PMC-Sierra, Inc

Part # PM4332
Description  HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PDF  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4332 Datasheet(HTML) 40 Page - PMC-Sierra, Inc

Back Button PM4332 Datasheet HTML 36Page - PMC-Sierra, Inc PM4332 Datasheet HTML 37Page - PMC-Sierra, Inc PM4332 Datasheet HTML 38Page - PMC-Sierra, Inc PM4332 Datasheet HTML 39Page - PMC-Sierra, Inc PM4332 Datasheet HTML 40Page - PMC-Sierra, Inc PM4332 Datasheet HTML 41Page - PMC-Sierra, Inc PM4332 Datasheet HTML 42Page - PMC-Sierra, Inc PM4332 Datasheet HTML 43Page - PMC-Sierra, Inc PM4332 Datasheet HTML 44Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 446 page
background image
PRELIMINARY
PM4332 TE-32
DATA SHEET
PMC-2011402
ISSUE 1
HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR THE INTERNAL USE OF ITS CUSTOMERS
31
Pin Name
Type
Pin
No.
Function
SBI System Side Interface
CTCLK
Input
F19
Common Transmit Clock (CTCLK). This input
signal is used as a reference transmit tributary
clock which can be used in egress Clock Master
modes. CTCLK must be multiple of 8 kHz. The
transmit clock is derived by the jitter attenuator
PLL using CTCLK as a reference.
The TE-32 may be configured to ignore the
CTCLK input and lock to the data or one of the
recovered Ingress clocks instead, RECVCLK1,
RECVCLK2 and RECVCLK3. The receive
tributary clock is automatically substituted for
CTCLK if line loopback or looptiming is enabled.
S77/MVED[3]
Input
D10
System Side SBI 77.76 MHz Select (S77). This
input determines the frequency of SREFCLK. If
S77 is low, SREFCLK is expected to be
19.44MHz. If S77 is high, SREFCLK is expected
to be 77.76 MHz and data is driven and sampled
every fourth cycle.
This signal is a don’t care when the
SYSOPT[1:0] register bits are binary “01” (H-
MVIP inteface). In this mode SREFCLK is
required to be 19.44 MHz.
S77 is expected to be held static.
S77 shares the same pin as MVED[3]. S77 is
selected when the SYSOPT[1:0] bits are set to
“10” or “11”, in the Global Configuration register.
SREFCLK
Input
C10
System Reference Clock (SREFCLK). This
system reference clock is a nominal 19.44 MHz
+/-50ppm pr 77.76 MHz +/-50ppm 50% duty
cycle clock. This clock is common to both the add
and drop sides of the SBI bus.
SREFCLK must be active for all applications.
When the SYSOPT[1:0] register bits are binary
“01” (H-MVIP interface), SREFCLK is required to
be 19.44 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com