Electronic Components Datasheet Search
  English  ▼

X  

PM4332 Datasheet(PDF) 45 Page - PMC-Sierra, Inc

Part # PM4332
Description  HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PDF  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4332 Datasheet(HTML) 45 Page - PMC-Sierra, Inc

Back Button PM4332 Datasheet HTML 41Page - PMC-Sierra, Inc PM4332 Datasheet HTML 42Page - PMC-Sierra, Inc PM4332 Datasheet HTML 43Page - PMC-Sierra, Inc PM4332 Datasheet HTML 44Page - PMC-Sierra, Inc PM4332 Datasheet HTML 45Page - PMC-Sierra, Inc PM4332 Datasheet HTML 46Page - PMC-Sierra, Inc PM4332 Datasheet HTML 47Page - PMC-Sierra, Inc PM4332 Datasheet HTML 48Page - PMC-Sierra, Inc PM4332 Datasheet HTML 49Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 446 page
background image
PRELIMINARY
PM4332 TE-32
DATA SHEET
PMC-2011402
ISSUE 1
HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR THE INTERNAL USE OF ITS CUSTOMERS
36
Pin Name
Type
Pin
No.
Function
SDDATA[0]/MVID[4]
SDDATA[1]
SDDATA[2]
SDDATA[3]
SDDATA[4]/MVID[5]
SDDATA[5]/MVID[6]
SDDATA[6]/MVID[7]
SDDATA[7]/MVID[8]
Output
Tristate
C5
A4
B5
C6
A5
B6
C7
D6
System Drop Bus Data (SDDATA[7:0]). The
System drop data bus is a time division
multiplexed bus which carries the E1 and T1
tributary data is byte serial format over the SBI
bus structure. This device only drives the data
bus during the timeslots assigned to this device.
SDDATA[7:0] is updated on the rising edge of
SREFCLK.
SDDATA[0] and SDDATA[4:7] share the same
pins as MVID[4] and MVID[5:8]. SDDATA[0] and
SDDATA[4:7] are selected when the
SYSOPT[1:0] bits are set to “10” or “11”, in the
Global Configuration register.
SDDP
Output
Tristate
A6
System Drop Bus Data Parity (SDDP). The
system drop bus signal carries the even or odd
parity for the drop bus signals SDDATA[7:0],
SDPL and SDV5. Whenever the TE-32 drives the
data bus, the parity is valid.
SDDP is updated on the rising edge of
SREFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com