Electronic Components Datasheet Search
  English  ▼

X  

PM4332 Datasheet(PDF) 10 Page - PMC-Sierra, Inc

Part # PM4332
Description  HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PDF  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4332 Datasheet(HTML) 10 Page - PMC-Sierra, Inc

Back Button PM4332 Datasheet HTML 6Page - PMC-Sierra, Inc PM4332 Datasheet HTML 7Page - PMC-Sierra, Inc PM4332 Datasheet HTML 8Page - PMC-Sierra, Inc PM4332 Datasheet HTML 9Page - PMC-Sierra, Inc PM4332 Datasheet HTML 10Page - PMC-Sierra, Inc PM4332 Datasheet HTML 11Page - PMC-Sierra, Inc PM4332 Datasheet HTML 12Page - PMC-Sierra, Inc PM4332 Datasheet HTML 13Page - PMC-Sierra, Inc PM4332 Datasheet HTML 14Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 446 page
background image
PRELIMINARY
PM4332 TE-32
DATA SHEET
PMC-2011402
ISSUE 1
HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR THE INTERNAL USE OF ITS CUSTOMERS
1
1
FEATURES
• High Density 32 channel T1/E1/J1 framer.
• Software selectable between T1/J1 or E1 operation on a per device basis.
• Supports 8 Mbit/s H-MVIP on the system interface for all T1 or E1 links, a
separate 8 Mbit/s H-MVIP system interface for all T1 or E1 CAS channels and
a separate 8 Mbit/s H-MVIP system interface for all T1 or E1 CCS and
V5.1/V5.2 channels.
• Supports a byte serial Scaleable Bandwidth Interconnect (SBI) bus interface
for high density system side device interconnection of up to 32 T1 streams, 32
E1 streams.
• Provides jitter attenuation in the T1 or E1 receive and transmit directions.
• Provides three independent de-jittered T1 or E1 recovered clocks for system
timing and redundancy.
• Provides per link diagnostic and line loopbacks.
• Also provides PRBS generators and detectors on each tributary for error
testing at DS1, E1 and NxDS0 rates as recommended in ITU-T O.151 and
O.152.
• Provides a generic 8-bit microprocessor bus interface for configuration,
control and status monitoring. Provides a standard 5 signal P1149.1 JTAG
test port for boundary scan board test purposes.
• Low power 1.8V/3.3V CMOS technology. All pins are 5V tolerant.
• 324-pin fine pitch PBGA package (23mm x 23mm). Supports industrial
temperature range (-40 oC to 85 oC) operation.
• Line side interface is SBI bus.
• System side interface is either H-MVIP or SBI bus.
Each one of 32 T1 receiver sections:
• Frames to DS-1 signals in SF, SLC96 and ESF formats.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com